| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HK-2125-R39JTK bảng dữ liệu(PDF) 19 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
HK-2125-R39JTK bảng dữ liệu(HTML) 19 Page - Kemet Corporation |
|
19 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 19 Ordering Code Inductance (μH) Inductance Tolerance Q min. Minimum Self Resonant Frequency (MHz) Maximum DC Resistance ( Ω Ω) Maximum Rated Current (mA) Measuring Frequency (MHz) Thickness mm (inches) Tape & Reel Packaging Quantity LK-2125-47NMTK 0.047 ±20% 15 320 0.20 300 50 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-68NMTK 0.068 ±20% 15 280 0.20 300 50 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-82NMTK 0.082 ±20% 15 255 0.20 300 50 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-R10(_)TK 0.10 K±10%, M±20% 20 235 0.30 250 25 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-R12(_)TK 0.12 K±10%, M±20% 20 220 0.30 250 25 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-R15(_)TK 0.15 K±10%, M±20% 20 200 0.40 250 25 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-R18(_)TK 0.18 K±10%, M±20% 20 185 0.40 250 25 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-R22(_)TK 0.22 K±10%, M±20% 20 170 0.50 250 25 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-R27(_)TK 0.27 K±10%, M±20% 20 150 0.50 250 25 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-R33(_)TK 0.33 K±10%, M±20% 20 145 0.55 250 25 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-R39(_)TK 0.39 K±10%, M±20% 25 135 0.65 200 25 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-R47(_)TK 0.47 K±10%, M±20% 25 125 0.65 200 25 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-R56(_)TK 0.56 K±10%, M±20% 25 115 0.75 150 25 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-R68(_)TK 0.68 K±10%, M±20% 25 105 0.80 150 25 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-R82(_)TK 0.82 K±10%, M±20% 25 100 1.00 150 25 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-1R0(_)TK 1.0 K±10%, M±20% 45 75 0.40 50 10 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-1R2(_)TK 1.2 K±10%, M±20% 45 65 0.50 50 10 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-1R5(_)TK 1.5 K±10%, M±20% 45 60 0.50 50 10 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-1R8(_)TK 1.8 K±10%, M±20% 45 55 0.60 50 10 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-2R2(_)TK 2.2 K±10%, M±20% 45 50 0.65 30 10 0.85 ±0.2 (0.033 ±0.008) 4,000 LK-2125-2R7(_)TK 2.7 K±10%, M±20% 45 45 0.75 30 10 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-3R3(_)TK 3.3 K±10%, M±20% 45 41 0.80 30 10 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-3R9(_)TK 3.9 K±10%, M±20% 45 38 0.90 30 10 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-4R7(_)TK 4.7 K±10%, M±20% 45 35 1.00 30 10 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-5R6(_)TK 5.6 K±10%, M±20% 50 32 0.90 15 4 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-6R8(_)TK 6.8 K±10%, M±20% 50 29 1.00 15 4 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-8R2(_)TK 8.2 K±10%, M±20% 50 26 1.10 15 4 1.25 ±0.2 (0.049±0.008) 2,000 LK-2125-100(_)TK 10 K±10%, M±20% 50 24 1.15 15 2 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-120(_)TK 12 K±10%, M±20% 50 22 1.25 15 2 1.25 ±0.2 (0.049 ±0.008) 2,000 LK2-125-150MTK 15 ±20% 30 19 0.80 5 1 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-180MTK 18 ±20% 30 18 0.90 5 1 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-220MTK 22 ±20% 30 16 1.10 5 1 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-270MTK 27 ±20% 30 14 1.15 5 1 1.25 ±0.2 (0.049 ±0.008) 2,000 LK-2125-330MTK 33 ±20% 30 13 1.25 5 0.4 1.25 ±0.2 (0.049 ±0.008) 2,000 0805 Case Size Multilayer Chip Inductors (LK 2125 Series) (_) Insert Tolerence Code (K±10% or M±20%) listed to the right |