| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HK-2125-R39JTK bảng dữ liệu(PDF) 14 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
HK-2125-R39JTK bảng dữ liệu(HTML) 14 Page - Kemet Corporation |
|
14 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 14 0603 Case Size Multilayer Chip Inductors for High Frequency (HK 1608 Series) Ordering Code Inductance (nH) Inductance Tolerance Q min. Measuring Frequency (MHz) Typical Q Self-resonant Frequency (MHz) DC Resistance ( Ω Ω) Maximum Rated Current (mA) Thickness mm (inches) Tape & Reel Packaging Quantity Frequency (MHz) 100 300 500 800 1000 min. typ max. typ. HK-1608-1N0STK 1.0 ±0.3nH 8 100 14 30 40 70 90 10000 >13000 0.05 0.015 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-1N2STK 1.2 ±0.3nH 8 100 14 30 40 70 90 10000 >13000 0.05 0.015 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-1N5STK 1.5 ±0.3nH 8 100 14 26 34 47 50 6000 >13000 0.10 0.03 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-1N8STK 1.8 ±0.3nH 8 100 10 18 24 30 34 6000 >13000 0.10 0.06 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-2N2STK 2.2 ±0.3nH 8 100 12 22 29 37 40 6000 12000 0.10 0.06 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-2N7STK 2.7 ±0.3nH 10 100 13 24 32 41 45 6000 11000 0.10 0.06 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-3N3STK 3.3 ±0.3nH 10 100 14 25 33 42 47 6000 9000 0.12 0.06 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-3N9STK 3.9 ±0.3nH 10 100 13 25 33 42 46 6000 8000 0.14 0.07 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-4N7STK 4.7 ±0.3nH 10 100 13 25 33 42 47 4000 6500 0.16 0.08 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-5N6STK 5.6 ±0.3nH 10 100 14 25 33 42 46 4000 5800 0.18 0.09 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-6N8JTK 6.8 ±5% 10 100 14 25 33 43 47 4000 5600 0.22 0.11 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-8N2JTK 8.2 ±5% 10 100 14 26 34 44 48 3500 5200 0.24 0.13 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-10NJTK 10 ±5% 12 100 14 26 34 43 47 3400 4600 0.26 0.16 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-12NJTK 12 ±5% 12 100 14 27 35 45 49 2600 4000 0.28 0.17 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-15NJTK 15 ±5% 12 100 15 28 37 46 51 2300 3400 0.32 0.20 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-18NJTK 18 ±5% 12 100 15 27 36 44 48 2000 3000 0.35 0.21 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-16O8-22NJTK 22 ±5% 12 100 16 28 36 44 47 1600 2900 0.40 0.25 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-27NJTK 27 ±5% 12 100 16 29 37 45 46 1400 2200 0.45 0.28 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-33NJTK 33 ±5% 12 100 17 31 40 46 47 1200 1800 0.55 0.35 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-39NJTK 39 ±5% 12 100 18 31 39 44 44 1100 1600 0.60 0.38 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-47NJTK 47 ±5% 12 100 17 28 34 35 34 900 1600 0.70 0.45 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-56NJTK 56 ±5% 12 100 17 28 34 34 31 900 1400 0.75 0.50 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-68NJTK 68 ±5% 12 100 18 29 34 30 22 700 1200 0.85 0.55 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-82NJTK 82 ±5% 12 100 18 28 33 27 - 600 1100 0.95 0.60 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-RI0JTK 100 ±5% 12 100 18 27 28 16 - 600 1000 1.00 0.65 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-R12JTK 120 ±5% 8 50 16 24 23 - - 500 800 1.20 0.68 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-R15JTK 150 ±5% 8 50 13 19 16 - - 500 800 1.20 0.73 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-RI8JTK 180 ±5% 8 50 13 18 12 - - 400 700 1.30 0.85 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-R22JTK 220 ±5% 8 50 12 16 - - - 400 600 1.50 0.95 300 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-R27JTK 270 ±5% 8 50 14 15 - - - 400 550 1.90 1.34 150 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-R33JTK 330 ±5% 8 50 14 - - - - 350 480 2.10 1.53 150 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-R39JTK 390 ±5% 8 50 13 - - - - 350 410 2.30 1.72 150 0.8 ±0.15 (0.031 ±0.006) 4,000 HK-1608-R47JTK 470 ±5% 8 50 13 - - - - 300 360 2.60 2.04 150 0.8 ±0.15 (0.031 ±0.006) 4,000 |