| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB95F134JS bảng dữ liệu(PDF) 16 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F134JS bảng dữ liệu(HTML) 16 Page - fujitsu semiconductor |
|
16 / 63 page ![]() MB95130M Series 16 • Programming method 1) Set the type code of the parallel programmer to "17237". 2) Load program data to programmer addresses 7E000H to 7FFFFH. 3) Write data with the parallel programmer. *: Programmer addresses are corresponding to CPU addresses, used when the parallel programmer programs data into Flash memory. These programmer addresses are used for the parallel programmer to program or erase data in Flash memory. Flash memory CPU address Programmer address* 8 Kbytes E000H 1E000H FFFFH 1FFFFH • MB95F133MS/F133NS/F133JS/F133MW/F133NW/F133JW (8 Kbytes) |