công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95F134JS bảng dữ liệu(PDF) 54 Page - fujitsu semiconductor

tên linh kiện MB95F134JS
Giải thích chi tiết về linh kiện  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS bảng dữ liệu(HTML) 54 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 50Page - fujitsu semiconductor MB95F134JS Datasheet HTML 51Page - fujitsu semiconductor MB95F134JS Datasheet HTML 52Page - fujitsu semiconductor MB95F134JS Datasheet HTML 53Page - fujitsu semiconductor MB95F134JS Datasheet HTML 54Page - fujitsu semiconductor MB95F134JS Datasheet HTML 55Page - fujitsu semiconductor MB95F134JS Datasheet HTML 56Page - fujitsu semiconductor MB95F134JS Datasheet HTML 57Page - fujitsu semiconductor MB95F134JS Datasheet HTML 58Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
MB95130M Series
54
(2) Notes on Using A/D Converter
• External impedance of analog input and its sampling time
• A/D converter with sample and hold circuit. If the external impedance is too high to keep sufficient sampling
time, the analog voltage charged to the internal sample and hold capacitor is insufficient, adversely affecting
A/D conversion precision. Therefore to satisfy the A/D conversion precision standard, consider the relationship
between the external impedance and minimum sampling time and either adjust the register value and operating
frequency or decrease the external impedance so that the sampling time is longer than the minimum value.
Also, if the sampling time cannot be sufficient, connect a capacitor of about 0.1
µF to the analog input pin.
• Errors
As |AVCC
− AVSS| becomes smaller, values of relative errors grow larger.
R
C
Analog input
Note : The values are reference values.
• Analog input equivalent circuit
RC
4.5 V
≤ AVCC ≤ 5.5 V
2.0 k
Ω (Max)
16 pF (Max)
4.0 V
≤ AVCC < 4.5 V
8.2 k
Ω (Max)
16 pF (Max)
Comparator
During sampling : ON
20
18
16
14
12
10
8
6
4
2
0
02
13
4
100
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8
10
12
14
(External impedance
= at 0 kΩ to 100 kΩ)
(External impedance
= at 0 kΩ to 20 kΩ)
Minimum sampling time [
µs]
Minimum sampling time [
µs]
AVCC
≥ 4.0 V
• The relationship between external impedance and minimum sampling time
AVCC
≥ 4.5 V
AVCC
≥ 4.5 V
AVCC
≥ 4.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com