| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8250VR bảng dữ liệu(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8250VR bảng dữ liệu(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 60 page ![]() MPC8250 Hardware Specifications, Rev. 1 30 Freescale Semiconductor Pinout 4.1.1 ZU Pin Assignments Figure 13 shows the pinout of the ZU package as viewed from the top surface. Figure 13. Pinout of the 480 TBGA Package as Viewed from the Top Surface 1 2 3 4 5 6 7 8 9 1011 121314 1516 17 18 19 20 21 22 23 24 25 26 27 28 29 Not to Scale 1 2 3 4 5 6 7 8 9 1011 121314 1516 17 18 1920 21 222324 25 26 27 2829 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ |