| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF112 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
RF112 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 45 page ![]() Table 1. Pinout list by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes RXBB1_OUT_I_P Base band I output positive differential signal of received channel 1 19 O VDD_BB1 RXBB1_OUT_Q_N Base band Q output negative differential signal of received channel 1 21 O VDD_BB1 RXBB1_OUT_Q_P Base band Q output positive differential signal of received channel 1 22 O VDD_BB1 Receiver Channel 2 RX2_LB_IN Low band input Receiver Channel 2 received signal 39 I VDD_TRX2 RX2_HB_IN High band input Receiver Channel 2 received signal 45 I VDD_TRX2 RXBB2_OUT_I_N Base band I output negative differential signal of received channel 2 30 O VDD_BB2 RXBB2_OUT_I_P Base band I output positive differential signalof received channel 2 29 O VDD_BB2 RXBB2_OUT_Q_N Base band Q output negative differential signal of received channel 2 31 O VDD_BB2 RXBB2_OUT_Q_P Base band Q output positive differential signal of received channel 2 32 O VDD_BB2 Observation Channel 1 RO1_LB_IN Low band input Observation Channel 1 received signal 11 I VDD_RO1 RO1_HB_IN High band input Observation Channel 1 received signal 13 I VDD_RO1 ROBB1_OUT_I_N Base band I output negative differential signal of received Observation Channel 1 16 O VDD_BB1 ROBB1_OUT_I_P Base band I output positive differential signal of received Observation Channel 1 15 O VDD_BB1 ROBB1_OUT_Q_N Base band Q output negative differential signal of received Observation Channel 1 17 O VDD_BB1 ROBB1_OUT_Q_P Base band Q output positive differential signal of received Observation Channel 1 18 O VDD_BB1 Observation Channel 2 RO2_HB_IN High band input Observation Channel 2 received signal 37 I VDD_RO2 Table continues on the next page... Pin assignments RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024 NXP Semiconductors 9 |