công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF112 bảng dữ liệu(PDF) 42 Page - NXP Semiconductors

tên linh kiện RF112
Giải thích chi tiết về linh kiện  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 bảng dữ liệu(HTML) 42 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 37Page - NXP Semiconductors RF112 Datasheet HTML 38Page - NXP Semiconductors RF112 Datasheet HTML 39Page - NXP Semiconductors RF112 Datasheet HTML 40Page - NXP Semiconductors RF112 Datasheet HTML 41Page - NXP Semiconductors RF112 Datasheet HTML 42Page - NXP Semiconductors RF112 Datasheet HTML 43Page - NXP Semiconductors RF112 Datasheet HTML 44Page - NXP Semiconductors RF112 Datasheet HTML 45Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
5 Orderable part information
Table below shows the encoding of orderable part number
Table 14. Part encoding
Part Code
Meaning
RF112L0HS9B
Production standard temperature part operating from 0
℃ to
105
℃
RF112L0HX9B
Production extended temperature part operating from -40
℃ to
105
℃
6 Application
A typical application includes a number of external components and a specified PCB
design for some specific pins.
6.1 External components
6.1.1 Crystal
To generate the reference clock an external crystal is required. For the requirements on
the crystal, see the section Recommended operating conditions.
6.1.2 De-coupling
All supplies must be de-coupled using external de-coupling capacitors to fulfill the
supply ripple and noise reuirements. Two capacitors are recommended per supply, one of
these must be placed close to the pin.Recommended values are one 0.1μF and one 10μ F
capacitor.
Orderable part information
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
42
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45