công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC11P2BCFN4 bảng dữ liệu(PDF) 49 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC11P2BCFN4
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11P2BCFN4 bảng dữ liệu(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MC68HC11P2BCFN4 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68HC11P2BCFN4 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 268 page
background image
Operating Modes and On-Chip Memory
On-chip memory
MC68HC11P2 — Rev 1.0
Technical Data
Operating Modes and On-Chip Memory
reserved
$0040
reserved
$0041
reserved
$0042
reserved
$0043
reserved
$0044
reserved
$0045
reserved
$0046
reserved
$0047
reserved
$0048
reserved
$0049
reserved
$004A
reserved
$004B
reserved
$004C
reserved
$004D
reserved
$004E
reserved
$004F
SCI/MI 2/3 baud high (S2BDH)
$0050
B2TST B2SPL
0
S2B12 S2B11 S2B10
S2B9
S2B8
0000 0000
SCI/MI 2/3 baud low (S2BDL)
$0051
S2B7
S2B6
S2B5
S2B4
S2B3
S2B2
S2B1
S2B0
0000 0100
SCI/MI 2 control 1 (S2CR1)
$0052
LOPS2 WOMS2 MIE2
M2
WAKE2
ILT2
PE2
PT2
0000 0000
SCI/MI 2 control 2 (S2CR2)
$0053
TIE2
TCIE2
RIE2
ILIE2
TE2
RE2
RWU2
SBK2
0000 0000
SCI/MI 2 status 1 (S2SR1)
$0054
TDRE2
TC2
RDRF2 IDLE2
OR2
NF2
FE2
PF2
1100 0000
SCI/MI 2 status 2 (S2SR2)
$0055
0
0
0
0
0
0
0
RAF2
0000 0000
SCI/MI 2 data high (S2DRH)
$0056
R8B
T8B
0
0
0
0
0
0
undefined
SCI/MI 2 data low (S2DRL)
$0057
R7T7B R6T6B R5T5B R4T4B R3T3B R2T2B R1T1B R0T0B undefined
reserved
$0058
reserved
$0059
SCI/MI 3 control 1 (S3CR1)
$005A
LOPS3 WOMS3 MIE3
M3
WAKE3
ILT3
PE3
PT3
0000 0000
SCI/MI 3 control 2 (S3CR2)
$005B
TIE3
TCIE3
RIE3
ILIE3
TE3
RE3
RWU3
SBK3
0000 0000
SCI/MI 3 status 1 (S3SR1)
$005C
TDRE3
TC3
RDRF3 IDLE3
OR3
NF3
FE3
PF3
1100 0000
SCI/MI 3 status 2 (S3SR2)
$005D
0
0
0
0
0
0
0
RAF3
0000 0000
SCI/MI 3 data high (S3DRH)
$005E
R8C
T8C
0
0
0
0
0
0
undefined
SCI/MI 3 data low (S3DRL)
$005F
R7T7C R6T6C R5T5C R4T4C R3T3C R2T2C R1T1C R0T0C undefined
Pulse width clock select (PWCLK)
$0060
CON34 CON12 PCKA2 PCKA1
0
PCKB3 PCKB2 PCKB1 0000 0000
Pulse width polarity select (PWPOL)
$0061
PCLK4 PCLK3 PCLK2 PCLK1 PPOL4 PPOL3 PPOL2 PPOL1 0000 0000
Pulse width scale (PWSCAL)
$0062
(bit 7)
(6)
(5)
(4)
(3)
(2)
(1)
(bit 0)
0000 0000
Table 3-2. Register and control bit assignments (Sheet 3 of 4)
Register name
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com