| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68HC11P2BCFN4 bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC11P2BCFN4 bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 268 page ![]() MC68HC11P2 — Rev 1.0 Technical Data Pin Descriptions Technical Data — MC68HC11P2 Section 2. Pin Descriptions 2.1 Contents 2.2 Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 2.3 VDD and VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 2.4 RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 2.5 Crystal driver and external clock input (XTAL, EXTAL) . . . 24 2.6 E clock output (E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 2.7 Phase-locked loop (XFC, VDDSYN) . . . . . . . . . . . . . . . . . . . 26 2.8 Interrupt request (IRQ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32 2.9 Nonmaskable interrupt (XIRQ/VPPE) . . . . . . . . . . . . . . . . . . 32 2.10 MODA and MODB (MODA/LIR and MODB/VSTBY) . . . . . . . 33 2.11 VRH and VRL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 2.12 PG7/R/W. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 2.13 Port signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 2.2 Introduction The MC68HC11P2 is available in an 84-pin plastic-leaded chip carrier (PLCC); the MC68HC711P2 is also available in an 84-pin windowed cerquad package, to allow full use of the EPROM. Most pins on this MCU serve two or more functions, as described in the following paragraphs. Refer to Figure 2-1 which shows the pin assignments for both 84-pin packages. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |