công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC08AS32CAFN bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC08AS32CAFN
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AS32CAFN bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AS32CAFN Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 296 page
background image
MC68HC08AS32A — Rev. 1.1
Data Sheet
Freescale Semiconductor
19
Data Sheet — MC68HC08AS32A —
Section 1. General Description
1.1 Introduction
The MC68HC08AS32A — is a member of the low-cost, high-performance
M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is
based on the customer-specified integrated circuit (CSIC) design strategy. All
MCUs in the family use the enhanced M68HC08 central processor unit (CPU08)
and are available with a variety of modules, memory sizes and types, and package
types.
1.2 Features
Features of the MC68HC08AS32A — include:
•
High-performance M68HC08 architecture
•
Fully upward-compatible object code with M6805, M146805, and M68HC05
Families
•
8.4-MHz internal bus frequency
•
32,256 bytes of read-only memory (ROM)
•
ROM data security
•
512 bytes of on-chip electrically erasable programmable read-only memory
(EEPROM)
•
1024 bytes of on-chip random-access memory (RAM)
•
Serial peripheral interface module (SPI)
•
Serial communications interface module (SCI)
•
16-bit, 6-channel timer interface module (TIM)
•
Clock generator module (CGM)
•
8-bit, 15-channel analog-to-digital converter module (ADC)
•
SAE J1850 byte data link controller digital module (BDLC-D)
•
System protection features:
–
Computer operating properly (COP) with optional reset
–
Low-voltage detection with optional reset
–
Illegal opcode detection with optional reset
–
Illegal address detection with optional reset
•
Low-power design (fully static with stop and wait modes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com