công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC08AS32CAFN bảng dữ liệu(PDF) 85 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC08AS32CAFN
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AS32CAFN bảng dữ liệu(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AS32CAFN Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC08AS32CAFN Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 296 page
background image
MC68HC08AS32A — Rev. 1.1
Data Sheet
Freescale Semiconductor
85
ATE — Analog Transceiver Enable Bit
The analog transceiver enable (ATE) bit is used to select either the on-board or
an off-chip analog transceiver.
1 = Select on-board analog transceiver
0 = Select off-chip analog transceiver
NOTE:
This device does not contain an on-board transceiver. This bit should be
programmed to a logic 0 for proper operation.
RXPOL — Receive Pin Polarity Bit
The receive pin polarity (RXPOL) bit is used to select the polarity of an incoming
signal on the receive pin. Some external analog transceivers invert the receive
signal from the J1850 bus before feeding it back to the digital receive pin.
1 = Select normal/true polarity; true non-inverted signal from the J1850 bus;
for example, the external transceiver does not invert the receive signal
0 = Select inverted polarity, where an external transceiver inverts the receive
signal from the J1850 bus
B03–B00 — BARD Offset Bits
Table 4-2 shows the expected transceiver delay with respect to BARD offset
values.
Table 4-2. BDLC Transceiver Delay
BARD Offset Bits B0[3:0]
Corresponding Expected
Transceiver’s Delays (
µs)
0000
9
0001
10
0010
11
0011
12
0100
13
0101
14
0110
15
0111
16
1000
17
1001
18
1010
19
1011
20
1100
21
1101
22
1110
23
1111
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com