công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBM29F004TC-70PD bảng dữ liệu(PDF) 9 Page - SPANSION

tên linh kiện MBM29F004TC-70PD
Giải thích chi tiết về linh kiện  FLASH MEMORY CMOS 4 M (512 K X 8) BIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F004TC-70PD bảng dữ liệu(HTML) 9 Page - SPANSION

Back Button MBM29F004TC-70PD Datasheet HTML 5Page - SPANSION MBM29F004TC-70PD Datasheet HTML 6Page - SPANSION MBM29F004TC-70PD Datasheet HTML 7Page - SPANSION MBM29F004TC-70PD Datasheet HTML 8Page - SPANSION MBM29F004TC-70PD Datasheet HTML 9Page - SPANSION MBM29F004TC-70PD Datasheet HTML 10Page - SPANSION MBM29F004TC-70PD Datasheet HTML 11Page - SPANSION MBM29F004TC-70PD Datasheet HTML 12Page - SPANSION MBM29F004TC-70PD Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
MBM29F004TC/004BC-70/90
9
(Continued)
Notes :
• Address bits X = “H” or “L” for all address commands except for Program Address (PA) and Sector
Address (SA) .
• Bus operations are defined in Table 2.
• RA = Address of the memory location to be read.
PA
= Address of the memory location to be programmed. Addresses are latched on the falling edge of the
WE or CE pulse.
SA
= Address of the sector to be erased. The combination of A18, A17, A16, A15, A14, and A13 will uniquely
select any sector.
• RD = Data read from location RA during read operation.
PD
= Data to be programmed at location PA. Data is latched on the rising edge of WE or CE pulse.
ID
= Device Code. (See Table 4 Autoselect Codes. )
• SPA = Sector Protection Address. Sector Address (SA) and (A6, A1, A0) = (0, 1, 0) to be set.
SD
= Data to verify the Sector Protection. The output at protected Sector = 01h and the output at
unprotected Sector
= 00h.
• Command combinations not described in “MBM29F004TC/BC Command Definitions Table” are illegal.
Table 4.1
MBM29F004TC/BC Sector Protection Verify Autoselect Codes
* : Outputs 01h at protected sector addresses and outputs 00h at unprotected sector addresses.
Table 4.2
Expanded Autoselect Code Table
Type
A18 to A13
A6
A1
A0
Code (HEX)
Manufacture’s Code
X
VIL
VIL
VIL
04h
Device Code
MBM29F004TC
X
VIL
VIL
VIH
77h
MBM29F004BC
X
VIL
VIL
VIH
7Bh
Sector Protection
Sector Addresses
VIL
VIH
VIL
01h*
Type
Code
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Manufacturer’s Code
04h
00000100
Device
Code
MBM29F004TC
77h
01110111
MBM29F004BC
7Bh
01111011
Sector Protection
01h
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com