công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF226AP bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện RF226AP
Giải thích chi tiết về linh kiện  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  RF226AP Datasheet HTML 1Page - NXP Semiconductors RF226AP Datasheet HTML 2Page - NXP Semiconductors RF226AP Datasheet HTML 3Page - NXP Semiconductors RF226AP Datasheet HTML 4Page - NXP Semiconductors RF226AP Datasheet HTML 5Page - NXP Semiconductors RF226AP Datasheet HTML 6Page - NXP Semiconductors RF226AP Datasheet HTML 7Page - NXP Semiconductors RF226AP Datasheet HTML 8Page - NXP Semiconductors RF226AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
receiver chain. This allows the receiver AGC algorithm, located on the baseband chip, to
observe the wideband signal level and optimize the receiver gain for best performance.
The interface allows quick updates of the transmitter and receiver gains.
This figure shows top level block diagram of the RF112L0H Transceiver.
aaa-037054
AUX ADC
SYNTHESIZERS
LNA
LNA
5/8
XO
AND x4
3/2
LNA
LNA
1/4
1/2
XI
ATEST4
ATEST3
ATEST2
ATEST1
RX1_HB_IN
RX1_LB_IN
RO1_LB_IN
RO1_HB_IN
ROBB2_OUT_Q_P
RO2_HB_IN
RX2_LB_IN
TX_LB_OUT
TX_HB_OUT
RX2_HB_IN
ROBB2_OUT_Q_N
ROBB2_OUT_I_N
ROBB2_OUT_I_P
XO
OTP
DIGITAL CORE
1/2
LNA
PA
I2C
LVDS
OUT
1/4
LNA
5/2
LNA
1/2
Frac-N
Synt
TRX Synt
Obs 2 Synt
Obs 1 Synt
Frac-N
Synt
Frac-N
Synt
PA
LVDS
IN
Figure 2. RF112L0H Transceiver block diagram
The TRX sub-system is capable of operating in TDD mode in either high band or low
band. The TRX consists of one high band transceiver and one low band transceiver which
share baseband filters and analog interfaces. The transceivers each have one transmitter
and two identical receivers, the transmitter and one of the receivers share the same LO,
the second receiver LO-phases are generated independently from the same synthesizer as
the transmit-receive-pair. The LO generation for the TRX sub-system is kept running all
the time, to keep the LO-phase relations fixed after chip power-on.
Introduction
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
NXP Semiconductors
Preliminary
5
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46