| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF226AP bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
RF226AP bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 46 page ![]() 1 Introduction Table 1. Abbreviations and Definitions Abbreviation Meaning TRX Transceiver HB High Band LB Low Band LO Local Oscillator ChBW Channel bandwidth BB Baseband TX Transmit RX Receive RSSI Received Signal Strength Indicator w.c. worst case The purpose and scope of this document is to provide the specifications for the RF112L0H 1x2 Wi-Fi transceiver. The RF112L0H Transceiver consists of three RF sub-systems; one dual band 1x2 MIMO transceiver, denoted TRX, one dual band observation receiver, denoted RO1, and one high band observation receiver, denoted RO2, together with a crystal oscillator and a digital core which is used to control the transceiver, and interfaces. The TRX, RO1, and RO2 sub-systems operate independently. The dual band units can be configured to work in either low band or high band, but since they share synthesizer, channel filters and analog baseband interfaces the bands cannot be used concurrently. Introduction RF112L0H Transceiver Data Sheet, Rev. A, 12/2020 NXP Semiconductors Preliminary 3 Confidential Proprietary |