| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8014 bảng dữ liệu(PDF) 84 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 bảng dữ liệu(HTML) 84 Page - Freescale Semiconductor, Inc |
|
84 / 125 page ![]() 56F8014 Technical Data, Rev. 9 84 Freescale Semiconductor Preliminary Table 8-2 GPIO External Signals Map Pins in shaded rows are not available in 56F8014 GPIO Function Peripheral Function LQFP Package Pin Notes GPIOA0 PWM0 28 Defaults to A0 GPIOA1 PWM1 27 Defaults toA1 GPIOA2 PWM2 23 Defaults to A2 GPIOA3 PWM3 Not bonded out in 56F8014 Defaults to A3 GPIOA4 PWM4 / FAULT1 / T2 22 SIM register SIM_GPS is used to select between PWM4, FAULT1, and T2 Defaults to A4 GPIOA5 PWM5 / FAULT2 / T3 20 SIM register SIM_GPS is used to select between PWM5, FAULT2, and T3 Defaults to A5 GPIOA6 FAULT0 Not bonded out in 56F8014 Defaults to A6 GPIOA7 RESET 16 Defaults to RESET GPIOB0 SCLK / SCL 21 SIM register SIM_GPS is used to select between SCLK and SCL Defaults to B0 GPIOB1 SS / SDA 1 SIM register SIM_GPS is used to select between SS and SDA Defaults to B1 GPIOB2 MISO / T2 18 SIM register SIM_GPS is used to select between MISO and T2 Defaults to B2 GPIOB3 MOSI / T3 17 SIM register SIM_GPS is used to select between MOSI and T3 Defaults to B3 GPIOB4 T0 / CLKO 19 SIM register SIM_GPS is used to select between T0 and CLKO Defaults to B4 GPIOB5 T1 / FAULT3 3 SIM register SIM_GPS is used to select between T1 and FAULT3 Defaults to B5 |