công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F2M03GLA bảng dữ liệu(PDF) 31 Page - List of Unclassifed Manufacturers

tên linh kiện F2M03GLA
Giải thích chi tiết về linh kiện  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA bảng dữ liệu(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 27Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 28Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 29Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 30Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 31Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 32Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 33Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 34Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
PCM Slave Timing
Symbol
Parameter
Min
(1)
Typ
Max
(1)
Unit
fsclk
PCM clock frequency (Slave mode: input)
64
-
2048
kHz
fsclk
PCM clock frequency (GCI mode)
128
-
4096
kHz
tsclkl
PCM_CLK low time
200
-
-
ns
tsclkh
PCM_CLK high time
200
-
-
ns
thsclksynch
Hold time from PCM_CLK low to
PCM_SYNC high
30
-
-
ns
tsusclksynch
Set-up time for PCM_SYNC high to
PCM_CLK low
30
-
-
ns
tdpout
Delay time from PCM_SYNC or
PCM_CLK whichever is later, to valid
PCM_OUT data (Long Frame Sync only)
-
-
20
ns
tdsclkhpout
Delay time from CLK high to PCM_OUT
valid data
-
-
20
ns
tdpoutz
Delay time from PCM_SYNC or
PCM_CLK low, whichever is later, to
PCM_OUT data line high impedance
-
-
20
ns
tsupinsclkl
Set-up time for PCM_IN valid to CLK low
30
-
-
ns
thpinsclkl
Hold time for PCM_CLK low to PCM_IN
invalid
30
-
ns
tr
Edge rise time (Cl = 50 pF, 10-90 %)
-
-
15
ns
Tf
Edge fall time (Cl = 50 pF, 10-90 %)
-
-
15
ns
Note:
(1) Valid for temperatures between -40°C and +105°C
PCM slave timing
© 2006 Free2move AB
Page 31(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com