công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F2M03GLA bảng dữ liệu(PDF) 18 Page - List of Unclassifed Manufacturers

tên linh kiện F2M03GLA
Giải thích chi tiết về linh kiện  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA bảng dữ liệu(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 14Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 15Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 16Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 17Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 18Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 19Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 20Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 21Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
6
Device terminal description
6.1
UART Interface
The F2M03 Bluetooth module’s Universal Asynchronous Receiver Transmitter (UART) interface provides a
simple mechanism for communicating with other serial devices using the RS232 standard
(1).
Universal Asynchronous Receiver
Four signals are used to implement the UART function, as shown in the figure above. When F2M03 is
connected to another digital device, UART_RX and UART_TX transfer data between the two devices. The
remaining two signals, UART_CTS and UART_RTS, can be used to implement RS232 hardware flow
control where both are active low indicators. All UART connections are implemented using CMOS
technology and have signalling levels of 0V and VDD. UART configuration parameters, such as Baud rate
and packet format, are set by Free2move firmware.
Note:
In order to communicate with the UART at its maximum data rate using a standard PC, an accelerated
serial port adapter card is required for the PC.
(1)
Uses RS232 protocol but voltage levels are 0V to VDD, (requires external RS232 transceiver IC)
Parameter
Possible Values
1200 Baud (≤2%Error)
Baud Rate
Minimum
9600 Baud (≤1%Error)
Maximum
3MBaud (≤1%Error)
Flow Control
RTS/CTS or None
Parity
None, Odd or Even
Number of Stop Bits
1 or 2
Bits per channel
8
Possible UART Settings
© 2006 Free2move AB
Page 18(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com