công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F2M03GLA bảng dữ liệu(PDF) 25 Page - List of Unclassifed Manufacturers

tên linh kiện F2M03GLA
Giải thích chi tiết về linh kiện  Low power Bluetooth??Module with antenna
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03GLA bảng dữ liệu(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button F2M03GLA Datasheet HTML 21Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 22Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 23Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 24Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 25Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 26Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 27Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 28Page - List of Unclassifed Manufacturers F2M03GLA Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Rev: b
Low power Bluetooth
™ Module with antenna- F2M03GLA
Datasheet
6.5
PCM
Pulse Code Modulation (PCM) is the standard method used to digitise audio (particulary voice) for
transmission over digital communication channels. Through its PCM interface, F2M03 has hardware
support for continual transmission and reception of PCM data, thus reducing processor overhead for
wireless headset and other audio applications. F2M03 offers a bi-directional digital audio interface that
routes directly into the baseband layer of the on-chip firmware. It does not pass through the HCI protocol
layer.
Hardware on F2M03 allows the data to be sent to and received from a SCO connection. Up to three SCO
connections can be supported by the PCM interface at any one time
(1)
F2M03 can operate as the PCM interface Master generating an output clock of 128, 256 or 512kHz. When
configured as PCM interface slave it can operate with an input clock up to 2048kHz. F2M03 is compatible
with a variety of clock formats, including Long Frame Sync, Short Frame Sync and GCI timing
environments.
It supports 13 or 16-bit linear, 8-bit µ-law or A-law companded sample formats at 8ksamples/s and can
receive and transmit on any selection of three of the first four slots following PCM_SYNC. The PCM
configuration options are enabled by firmware settings (contact Free2move).
F2M03 interfaces directly to PCM audio devices includes the following:
Qualcomm MSM 3000 series and MSM 5000 series CDMA baseband devices
•
OKI MSM7705 four channel A-law and µ-law CODEC
•
Motorola MC145481 8-bit A-law and µ-law CODEC
•
Motorola MC145483 13-bit linear CODEC
•
Winbond W681360R 13-bit linear CODEC
•
STW 5093 and 5094 14-bit linear CODECs
•
F2M03 is also compatible with the Motorola SSI
TM interface
Note:
(1) Subject to firmware support, contact Free2move for current status.
© 2006 Free2move AB
Page 25(44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com