công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CT418 bảng dữ liệu(PDF) 1 Page - Allegro MicroSystems

tên linh kiện CT418
Giải thích chi tiết về linh kiện  XtremeSense™ TMR Current Sensor with Ultra-Low Noise and <1% Total Error
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT418 bảng dữ liệu(HTML) 1 Page - Allegro MicroSystems

  CT418 Datasheet HTML 1Page - Allegro MicroSystems CT418 Datasheet HTML 2Page - Allegro MicroSystems CT418 Datasheet HTML 3Page - Allegro MicroSystems CT418 Datasheet HTML 4Page - Allegro MicroSystems CT418 Datasheet HTML 5Page - Allegro MicroSystems CT418 Datasheet HTML 6Page - Allegro MicroSystems CT418 Datasheet HTML 7Page - Allegro MicroSystems CT418 Datasheet HTML 8Page - Allegro MicroSystems CT418 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
The CT418 is a high bandwidth and ultra-low noise integrated
contact current sensor that usesAllegro patented XtremeSense™
TMR technology to enable high accuracy current measurements
for many consumer, enterprise, and industrial applications.
The device supports eight current ranges where the integrated
current carrying conductor (CCC) will handle up to 65 A of
current and generates a current measurement as a linear analog
output voltage. The device achieves a total output error of less
than ±1.0% full-scale (FS).
The device has a ~300 ns output response time while the
current consumption is ~6.0 mA and is immune to common
mode fields. The CT418 has an integrated overcurrent detection
(OCD) circuitry to identify out of range currents (OCD) with
the result output to the fault-bar (FLT) pin. The FLT is an open
drain, active low digital signal that is activated by the CT418
to alert the microcontroller that a fault condition has occurred.
The CT418 is offered in an industry-standard 8-lead SOIC
package that is green and RoHS compliant.
CT418-DS, Rev. 3
MCO-0001521
• Integrated contact current sensing for low to medium
current ranges:
XtremeSense™ TMR Current Sensor
with Ultra-Low Noise and <1% Total Error
PACKAGE:
Not to scale
CT418
FEATURES AND BENEFITS
DESCRIPTION
December 15, 2023
• Solar/power inverters
• UPS, SMPS, and telecom
power supplies
• Motor control
• Power utility meter
• Overcurrent fault protection
APPLICATIONS
• Integrated current carrying conductor (CCC)
• Linear analog output voltage
• Total error output ≤ ±1.0% FS
• 1 MHz bandwidth
• Response time: ~300 ns
• UL/IEC 62368-1 and UL1577 certification
□ Rated isolation voltage: 2.5 kVRMS
□ Working voltage for basic isolation: 701 VRMS
□ Working voltage for reinforced isolation: 344 VRMS
• IEC 61000-4-5 certified
• Low noise: 9.0 to 13.5 mARMS @ fBW = 100 kHz
• Supply voltage: 4.75 to 5.50 V
• Filter function to reduce noise on output pin
• Immunity to common mode fields: –54 dB
• Overcurrent detection (OCD)
□ Out of range currents
• AEC-Q100 grade 1
• 8-lead SOIC package
□ 0 to 20 A
□ ±20 A
□ 0 to 30 A
□ ±30 A
□ 0 to 50 A
□ ±50 A
□ 0 to 65 A
□ ±65 A
Figure 1: CT418 Functional Block Diagram for 8-lead SOIC Package
8-lead SOIC


Số phần tương tự - CT418

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Continental Device Indi...
CT41 CDIL-CT41 Datasheet
163Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
Compact Technology Corp...
CT4148WN CTC-CT4148WN Datasheet
157Kb / 2P
Small signal switching Diodes
CT4148WP CTC-CT4148WP Datasheet
139Kb / 5P
Small signal chip diode
CT4148WSN CTC-CT4148WSN Datasheet
144Kb / 2P
Small signal switching Diodes
CT4148WSP CTC-CT4148WSP Datasheet
139Kb / 5P
Small cignal chip diode
More results

Mô tả tương tự - CT418

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
29-Mar-04
logo
Honeywell Solid State E...
ASDXAVX010NGSA3 HONEYWELL-ASDXAVX010NGSA3 Datasheet
482Kb / 6P
Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
logo
TE Connectivity Ltd
U5300 TEC-U5300 Datasheet
167Kb / 7P
Superior Accuracy and Total Error Band
logo
American Electronic Com...
TMR2701 AEC-TMR2701 Datasheet
559Kb / 4P
High Sensitivity and Low Hysteresis TMR linear sensor
logo
MultiDimension Technolo...
TMR2901 MULTIDIMENSION-TMR2901 Datasheet
507Kb / 5P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR2905 MULTIDIMENSION-TMR2905 Datasheet
625Kb / 5P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR9001 MULTIDIMENSION-TMR9001 Datasheet
645Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com