công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

78613/1MC bảng dữ liệu(PDF) 1 Page - Murata Power Solutions Inc.

tên linh kiện 78613/1MC
Giải thích chi tiết về linh kiện  General Purpose Pulse Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78613/1MC bảng dữ liệu(HTML) 1 Page - Murata Power Solutions Inc.

  78613/1MC Datasheet HTML 1Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 2Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 3Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 4Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 5Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 6Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KMP_786C_C03 Page 1 of 7
786 Series
General Purpose Pulse Transformers
www.murata-ps.com
 
For full details go to
www.murata-ps.com/rohs
www.murata.com
FEATURES
RoHS compliant
4 Configurations
Primary inductance to 10mH
1kVrms isolation
Industry standard pinout
Surface mount option
UL 94 V-0 package materials
Low profile
Toroidal construction
Fully encapsulated
DESCRIPTION
The 786 series is a comprehensive range of
general purpose pulse transformers. Common
applications include line coupling, matching or
isolating. The devices can also be used in small
isolated power supplies and also as common-
mode chokes in filtering applications.
Surface-mount parts
The surface-mount (M suffix) products are not
recommended for new designs.
For recommended alternatives please refer to the
786J Series datasheet.
SELECTION GUIDE
Order Code
Turns
Ratio
μH
Vμs
μH
pF
Ω
Vrms
78601/4C
1:1
67
4
0.19
8
0.17
1000
1
78601/3C
1:1
200
6
0.20
14
0.25
78601/2C
1:1
500
10
0.25
22
0.34
78601/8C
1:1
1000
15
0.29
35
0.45
78601/1C
1:1
2000
20
0.47
49
0.60
78601/16C
1:1
4000
28
0.47
78
0.84
78601/9C
1:1
10000
56
0.86
121
1.30
78602/4C
1:1:1
67
4
0.11
12
0.18
1000
2
78602/3C
1:1:1
200
6
0.17
19
0.24
78602/2C
1:1:1
500
10
0.27
32
0.34
78602/8C
1:1:1
1000
15
0.35
47
0.46
78602/1C
1:1:1
2000
20
0.60
72
0.66
78602/16C
1:1:1
4000
28
0.71
116
0.92
78602/9C
1:1:1
10000
56
0.71
167
1.34
78604/4C
2:1
67
4
0.41
4
0.18
1000
1
78604/3C
2:1
200
6
0.49
9
0.25
78604/2C
2:1
500
10
0.65
13
0.34
78604/8C
2:1
1000
15
0.76
20
0.46
78604/1C
2:1
2000
20
0.99
29
0.60
78604/16C
2:1
4000
28
1.61
50
0.85
78604/9C
2:1
10000
56
1.64
72
1.23
78613/4C
1CT:1
67
4
0.30
7
0.20
1000
3
78613/3C
1CT:1
200
6
0.65
12
0.25
78613/2C
1CT:1
500
10
1.07
20
0.36
78613/8C
1CT:1
1000
15
1.13
35
0.48
78613/1C
1CT:1
2000
20
1.53
47
0.63
78613/16C
1CT:1
4000
28
1.98
64
0.88
78613/9C
1CT:1
10000
56
3.83
72
1.33
78615/4C
1CT:1CT
67
4
1.21
3
0.17
1000
4
78615/3C
1CT:1CT
200
6
3.64
5
0.24
78615/2C
1CT:1CT
500
10
6.86
7
0.34
78615/8C
1CT:1CT
1000
15
11.9
10
0.45
78615/1C
1CT:1CT
2000
20
16.0
16
0.60
78615/16C
1CT:1CT
4000
28
37.7
20
0.87
78615/9C
1CT:1CT
10000
56
44.5
19
1.33
All specifications typical at T
A
=25°C


Số phần tương tự - 78613/1MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
78613/16C MURATA-78613/16C Datasheet
159Kb / 4P
General Purpose Pulse Transformers
logo
Murata Power Solutions ...
78613/16C MURATA-PS-78613/16C Datasheet
110Kb / 4P
General Purpose Pulse Transformers
78613/16JC MURATA-PS-78613/16JC Datasheet
121Kb / 4P
Surface Mount General Purpose Pulse Transformers
logo
Murata Manufacturing Co...
78613/1C MURATA-78613/1C Datasheet
159Kb / 4P
General Purpose Pulse Transformers
logo
Murata Power Solutions ...
78613/1C MURATA-PS-78613/1C Datasheet
110Kb / 4P
General Purpose Pulse Transformers
More results

Mô tả tương tự - 78613/1MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
KMP_786 MURATA-KMP_786 Datasheet
159Kb / 4P
General Purpose Pulse Transformers
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS Datasheet
47Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Bothhand USA, LP.
6T245A BOTHHAND-6T245A Datasheet
61Kb / 1P
GENERAL PURPOSE TRANSFORMERS
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS_10 Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CS XFMRS-XF2006CS Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Murata Power Solutions ...
786 MURATA-PS-786 Datasheet
110Kb / 4P
General Purpose Pulse Transformers
786J MURATA-PS-786J Datasheet
121Kb / 4P
Surface Mount General Purpose Pulse Transformers
logo
Pulse A Technitrol Comp...
PE-2227X PULSE-PE-2227X Datasheet
293Kb / 8P
GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com