công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

78613/1MC bảng dữ liệu(PDF) 6 Page - Murata Power Solutions Inc.

tên linh kiện 78613/1MC
Giải thích chi tiết về linh kiện  General Purpose Pulse Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78613/1MC bảng dữ liệu(HTML) 6 Page - Murata Power Solutions Inc.

  78613/1MC Datasheet HTML 1Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 2Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 3Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 4Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 5Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 6Page - Murata Power Solutions Inc. 78613/1MC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
KMP_786C_C03 Page 6 of 7
786 Series
General Purpose Pulse Transformers
www.murata.com
TUBE OUTLINE DIMENSIONS
0.60±0.15
(0.023±0.005)
4.00 (0.16)
5.50 (0.22)
10.95
(0.43)
12.95
(0.51)
3.80
(0.15)
15.70 (0.62)
Tube length: 465±2 (18.3±0.08). Tube quantity: 50.
Tube material: Antistatic coated clear pvc.
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
TECHNICAL NOTES
ISOLATION
VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Volt-
age’, ‘Proof Voltage’, ‘Dielectric Withstand
Voltage’ & ‘Isolation Test Voltage’ are all terms
that relate to the same thing, a test voltage,
applied for a specified time, across a compo-
nent designed to provide electrical isolation, to
verify the integrity of that isolation.
All products in this series are 100% production
tested at their stated isolation voltage.
A question commonly asked is, “What is the
continuous voltage that can be applied across
the part in normal operation?”
For a part holding no specific agency approv-
als both input and output should normally be
maintained within SELV limits i.e. less than
42.4V peak, or 60VDC. The isolation test
voltage represents a measure of immunity to
transient voltages and the part should never
be used as an element of a safety isolation
system. The part could be expected to function
correctly with several hundred volts offset
applied continuously across the isolation bar-
rier; but then the circuitry on both sides of the
barrier must be regarded as operating at an
unsafe voltage and further isolation/insulation
systems must form a barrier between these
circuits and any user-accessible circuitry ac-
cording to safety standard requirements.
REPEATED HIGH-VOLTAGE
ISOLATION TESTING
It is well known that repeated high-voltage
isolation testing of a barrier component can
actually degrade isolation capability, to a
lesser or greater degree depending on ma-
terials, construction and environment. This
series has toroidal isolation transformers,
with no additional insulation between pri-
mary and secondary windings of enamelled
wire. While parts can be expected to with-
stand several times the stated test voltage,
the isolation capability does depend on the
wire insulation. Any material, including this
enamel (typically polyurethane) is suscep-
tible to eventual chemical degradation when
subject to very high applied voltages thus
implying that the number of tests should be
strictly limited. We therefore strongly advise
against repeated high voltage isolation test-
ing, but if it is absolutely required, that the
voltage be reduced by 20% from specified
test voltage.
This consideration equally applies to agency
recognised parts rated for better than
functional isolation where the wire enamel
insulation is always supplemented by a
further insulation system of physical spacing
or barriers.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com