| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL2S3003 bảng dữ liệu(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003 bảng dữ liệu(HTML) 59 Page - NXP Semiconductors |
|
59 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.3.18 GET NXP SYSTEM INFORMATION Command code = ABh The command GET NXP SYSTEM INFORMATION command is used to get information about the IC access conditions and supported features. SOF Flags Get NXP System Info IC Mfg code UID CRC16 EOF - 8 bits 8 bits 8 bits 64 bits optional 16 bits - Table 108. GET NXP SYSTEM INFORMATION request format SOF Flags Error code CRC16 EOF - 8 bits 8 bits 16 bits - Table 109. GET NXP SYSTEM INFORMATION response format when Error_flag set SOF Flags PP pointer PP conditions Lock bits Feature flags CRC16 EOF - 8 bits 8 bits 8 bits 8 bits 32 bits 16 bits - Table 110. GET NXP SYSTEM INFORMATION response format when Error_flag NOT set On a valid received command, the label IC responds with the following information: • Actual protection pointer address (PP pointer) • Actual protection conditions for the password protection (PP conditions) • Actual lock bits settings (Lock bits) • Supported commands and features (Feature flags) The bit values value in Table 113 indicate if the related feature is enabled or disabled: • 0: feature disabled • 1: feature enabled Bit Name Feature 1 (LSB) RL Page L read password protection status 2 WL Page L write password protection status 3-4 - RFU 5 RH Page H read password protection status 6 WH Page H write password protection status 7-8 (MSB) - RFU Table 111. PP conditions bits SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 59 / 82 |