| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL2S3003 bảng dữ liệu(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003 bảng dữ liệu(HTML) 37 Page - NXP Semiconductors |
|
37 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.2.13 FAST READ MULTIPLE BLOCK As defined in ISO/IEC 15693-3 (2019). Option 0 (Option flag not set) is supported. Option 1 (Option flag set) is supported. The supported data rates are as defined in ISO/IEC 15693-3 (2019): • High data rate (26.48 kbits/s) • X2 (52.97 kbits/s) • X4 (105.94 kbits/s) • X8 (211.88 kbits/s) If one of the addressed blocks is part of a page protected with the Read-Password, and if the password has not been transmitted first with the SET PASSWORD command, the label responds according to the error handling (see Section 8.6 "Error handling"). Note: Block 75 of the user memory is used for the 24-bit counter feature and must be used differently. Refer to Section 8.5.3.25 "24-bit counter". SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 37 / 82 |