| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMG39921 bảng dữ liệu(PDF) 52 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG39921 bảng dữ liệu(HTML) 52 Page - OSRAM GmbH |
|
52 / 96 page ![]() ams Datasheet Page 51 [v1-06] 2018-Feb-27 Document Feedback TMG3992 − Register Description Interrupt Persistence Register (PERS 0x8C) The Interrupt Persistence Register sets a value which is compared with the accumulated amount of ALS or Proximity cycles in which results were outside threshold values. Any Proximity or ALS result that is inside threshold values resets the count. Separate counters are provided for proximity and ALS persistence detection. Figure 51: Interrupt Persistence Register 765 432 1 0 PPERS APERS Field Bits Description PPERS 7:4 Proximity Interrupt Persistence. Controls rate of proximity interrupt to the host processor. FIELD VALUE PERSISTENCE 0000 Every proximity cycle generates an interrupt 0001 Any value outside of threshold range 0010 2 consecutive values out of range …. …. 1111 15 consecutive values out of range |