công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMG39921 bảng dữ liệu(PDF) 69 Page - OSRAM GmbH

tên linh kiện TMG39921
Giải thích chi tiết về linh kiện  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 bảng dữ liệu(HTML) 69 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 65Page - OSRAM GmbH TMG39921 Datasheet HTML 66Page - OSRAM GmbH TMG39921 Datasheet HTML 67Page - OSRAM GmbH TMG39921 Datasheet HTML 68Page - OSRAM GmbH TMG39921 Datasheet HTML 69Page - OSRAM GmbH TMG39921 Datasheet HTML 70Page - OSRAM GmbH TMG39921 Datasheet HTML 71Page - OSRAM GmbH TMG39921 Datasheet HTML 72Page - OSRAM GmbH TMG39921 Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
Page 68
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Configuration Register A0 (CONFIG_A0),
Gesture Mode
This register value is compared with Proximity value, PDATA, to
determine if the gesture state machine is entered. The
proximity persistence filter, PPERS, is not used to determine
gesture state machine entry.
Figure 73:
Configuration Register A0
Configuration Register A1 (CONFIG_A1),
Gesture Mode
The Gesture Exit Threshold Register value is compared all
non-masked gesture detection photodiodes (NSWE). Gesture
state machine exit is also governed by the value in the Gesture
Exit Persistence register, GEPERS.
Figure 74:
Configuration Register A1
765
432
1
0
GPENTH
Field
Bits
Description
GPENTH
7:0
Gesture Proximity Entry Threshold. This register sets the Proximity
threshold value used to determine a “gesture start” and subsequent entry
into the gesture state machine.
765
432
1
0
GEXTH
Field
Bits
Description
GEXTH
7:0
Gesture Exit Threshold. This register sets the threshold value used to
determine a “gesture end” and subsequent exit of the gesture state
machine. Setting GEXTH to 0x00 will prevent gesture exit until GMODE is
set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96