| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD4903 bảng dữ liệu(PDF) 48 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD4903 bảng dữ liệu(HTML) 48 Page - OSRAM GmbH |
|
48 / 86 page ![]() Datasheet, Public Page 47 [v2-00] 2022-Nov-03 Document Feedback TMD4903 − Register Description Status Register Three (STATUS3 0xB3) Figure 57: Status Register Three Control Register (CONTROL 0xBC) Figure 58: Control Register 76 5 4 3 2 1 0 Reserved SAI_ACTIVE Reserved Field Bits Description Reserved 7:2 Reserved. SAI_ACTIVE 1 Sleep-After-Interrupt Active. If SAI is set, indicates that the oscillator has been stopped and the device is in sleep after an interrupt. SAI_ACTIVE must be cleared (CONTROL 0xBC[0]: CLEAR_ SAI_ACTIVE) to clear SAI and resume chip operation. Reserved 0 Reserved. 76543 2 1 0 Reserved SAI_ACTIVE_CLEAR Field Bits Description Reserved 7:1 Reserved. SAI_ACTIVE_CLEAR 0 Sleep-After-Interrupt Active Clear. If SAI is set and SAI_ACTIVE is true (an Interrupt has occurred), asserting this pin clears the SAI_ACTIVE flag and restarts the device oscillator to resume chip operation if functions are enabled. |