công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMD4903 bảng dữ liệu(PDF) 65 Page - OSRAM GmbH

tên linh kiện TMD4903
Giải thích chi tiết về linh kiện  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 bảng dữ liệu(HTML) 65 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 61Page - OSRAM GmbH TMD4903 Datasheet HTML 62Page - OSRAM GmbH TMD4903 Datasheet HTML 63Page - OSRAM GmbH TMD4903 Datasheet HTML 64Page - OSRAM GmbH TMD4903 Datasheet HTML 65Page - OSRAM GmbH TMD4903 Datasheet HTML 66Page - OSRAM GmbH TMD4903 Datasheet HTML 67Page - OSRAM GmbH TMD4903 Datasheet HTML 68Page - OSRAM GmbH TMD4903 Datasheet HTML 69Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
Page 64
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Application Information
Controls associated to define the number of complete pattern
loops and sub-pattern repeats are: Number of Repeated
Sub-pattern Loops and Number of Complete Pattern Loops.
As depicted below, the number of “run-once” pattern loops sets
the amount of additional iterations, up to 254. If the register is
set to 0xFF then the sub-pattern is continuously repeated until
the value is changed or IBEN bit is reset.
Figure 75:
Complete Pattern Loops
Complete Pattern Loops: The red box represents a “run-once” pattern. The pattern begins at pattern ram
address 0x00 and bursts until the end of the pattern is encountered. The complete pattern can be reiterated 1 to
254 times, or continuously.
As depicted below, the number of repeated sub-pattern loops
sets the amount of additional “repeated part” burst iterations,
up to 254. If the register is set to 0xFF then the sub-pattern is
continuously repeated until the value is changed or IBEN bit is
reset.
Pause
Loop IPNL Times
IDLE
START
IDLE
Protocols with No Repeated
Sub-Patterns
“Run-once”
Sub-
pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com