| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD4903 bảng dữ liệu(PDF) 59 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD4903 bảng dữ liệu(HTML) 59 Page - OSRAM GmbH |
|
59 / 86 page ![]() Page 58 Datasheet, Public Document Feedback [v2-00] 2022-Nov-03 TMD4903 − Application Information Block Diagram of Remote Control Functionality Figure 69: Block Diagram of RC Functionality Block Diagram of RC Functionality: Resources associated with Remote Control. There are many different remote control protocols currently in use; and to meet the multitude of requirements the remote control engine has been designed to be flexible. The remote control engine consists of four major components: Pattern RAM, Timeword RAM, control registers, and pattern output pin (or integrated LED). TMD4903 I 2C SDA SCL INT OSCILLATOR Remote Control Engine LEDA 256 X 8-bit Pattern RAM 16 X 16-bit Time Word RAM Digital Core INT Flags Control Registers Sensor Engines GPIO VDD VDD GND LDR |