công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMD27721 bảng dữ liệu(PDF) 43 Page - OSRAM GmbH

tên linh kiện TMD27721
Giải thích chi tiết về linh kiện  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27721 bảng dữ liệu(HTML) 43 Page - OSRAM GmbH

Back Button TMD27721 Datasheet HTML 39Page - OSRAM GmbH TMD27721 Datasheet HTML 40Page - OSRAM GmbH TMD27721 Datasheet HTML 41Page - OSRAM GmbH TMD27721 Datasheet HTML 42Page - OSRAM GmbH TMD27721 Datasheet HTML 43Page - OSRAM GmbH TMD27721 Datasheet HTML 44Page - OSRAM GmbH TMD27721 Datasheet HTML 45Page - OSRAM GmbH TMD27721 Datasheet HTML 46Page - OSRAM GmbH TMD27721 Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Page 42
ams Datasheet
Document Feedback
[v1-21] 2016-Feb-16
TMD2772/ TMD2772WA − Register Description
Proximity Data Registers (0x18 − 0x19)
Proximity data is stored as a 16-bit value. To ensure the data is
read correctly, a two-byte read I²C transaction should be
utilized with auto increment protocol bits set in the command
register. With this operation, when the lower byte register is
read, the upper eight bits are stored into a shadow register,
which is read by a subsequent read to the upper byte. The upper
register will read the correct value even if the next ADC cycle
ends between the reading of the lower and upper registers.
Figure 47:
Proximity Data Registers
Register
Address
Bits
Description (Reset value = 0x00)
PDATAL
0x18
7:0
Proximity data low byte
PDATAH
0x19
7:0
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60