| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCS3701 bảng dữ liệu(PDF) 55 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3701 bảng dữ liệu(HTML) 55 Page - OSRAM GmbH |
|
55 / 67 page ![]() Page 54 Datasheet, Public Document Feedback [v2-00] 2022-Dec-15 TCS3701 − Application Information It is highly recommended to consult the ams OSRAM application team for circuit diagram and layout review at design-in. Figure 65: TCS3701 Typical Application Circuit Note(s): 1. For proximity systems a 4.7μF to 10μF supply capacitor C3 shall be connected from the LED anode to ground. C1 in the graphic above shall be 4.7μF, 6.3V, 10% and C2 in the graphic above shall be 1μF, 6.3V, 20%. All ground vias shall connected to a solid ground plane. 2. Please observe that ESD protection is needed for external emitter LED or VCSEL to achieve 2kV HBM. Figure 66: TCS3701 Recommended Part Placement Note(s): 1. NC pins do not have an internal electrical connection. For device ESD protection, it is recommended to connect it to ground. Application Information VDD INT SCL SDA TCS3701 VDD VSS INT SCL SDA GPIO RSCL RSDA VIO RINT PGND GPIO RGPIO LDR C2 22 V1.8 C1 R1 VLED C3 |