| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCS34083 bảng dữ liệu(PDF) 44 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34083 bảng dữ liệu(HTML) 44 Page - OSRAM GmbH |
|
44 / 53 page ![]() Datasheet, Public Page 43 [v2-00] 2023-Feb-01 Document Feedback TCS3408 − Tape & Reel Information Figure 52: Tape and Reel Mechanical Drawing Note(s): 1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted. 2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. 3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001. 4. Each reel is generally 330 millimeters in diameter and contains 10000 parts. Please reconfirm for actual orders. 5. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481−B. 6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape. 7. This drawing is subject to change without notice. Tape & Reel Information |