| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCS34083 bảng dữ liệu(PDF) 42 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34083 bảng dữ liệu(HTML) 42 Page - OSRAM GmbH |
|
42 / 53 page ![]() Datasheet, Public Page 41 [v2-00] 2023-Feb-01 Document Feedback TCS3408 − Package Drawings & Markings Figure 50: TCS3408 Module Dimensions Note(s): 1. All linear dimensions are in micrometers. 2. The die is centered within the package within a tolerance of ±75 micrometers. 3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55. 4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish. 5. This package contains no lead (Pb). 6. This drawing is subject to change without notice. Package Drawings & Markings Green RoHS ACTIVE AREA |