| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCS34083 bảng dữ liệu(PDF) 25 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34083 bảng dữ liệu(HTML) 25 Page - OSRAM GmbH |
|
25 / 53 page ![]() Page 24 Datasheet, Public Document Feedback [v2-00] 2023-Feb-01 TCS3408 − Register O ver view ALS level detection uses data generated by the ADC Channel X. The channel can be selected via ALS_TH_CHANNEL (see CFG12).The ALS Interrupt Threshold registers provide 16-bit values to be used as the high and low thresholds for comparison to the 16-bit ADATAX values. If AIEN is enabled and ADATAX is not between AILT and AIHT for the number of consecutive samples specified in APERS an interrupt is asserted on the interrupt pin. These registers are read/write. Figure 26: ALS Interrupt Thresholds Note(s): 1. Return to the Register Map (0x84, 0x85, 0x86, 0x87). Bits Addr Field Description 7:0 0x84 AILT ALS Interrupt Low Threshold 15:8 0x85 7:0 0x86 AIHT ALS Interrupt High Threshold 15:8 0x87 |