công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCS34001FN bảng dữ liệu(PDF) 23 Page - OSRAM GmbH

tên linh kiện TCS34001FN
Giải thích chi tiết về linh kiện  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34001FN bảng dữ liệu(HTML) 23 Page - OSRAM GmbH

Back Button TCS34001FN Datasheet HTML 19Page - OSRAM GmbH TCS34001FN Datasheet HTML 20Page - OSRAM GmbH TCS34001FN Datasheet HTML 21Page - OSRAM GmbH TCS34001FN Datasheet HTML 22Page - OSRAM GmbH TCS34001FN Datasheet HTML 23Page - OSRAM GmbH TCS34001FN Datasheet HTML 24Page - OSRAM GmbH TCS34001FN Datasheet HTML 25Page - OSRAM GmbH TCS34001FN Datasheet HTML 26Page - OSRAM GmbH TCS34001FN Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Page 22
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − Register Description
IR Register (0xC0)
Access to IR channel; allows mapping of IR channel on clear
channel.
Figure 32:
IR Register
Clear Interrupt Registers (0xE3, 0xE7)
Any dummy data byte (0x00 recommended) written to the
specified register will clear the indicated interrupt.
Figure 33:
Clear Interrupt Registers
7
6
5
4
3
2
1
0
IR
Reserved
Field
Bits
Description
IR
7
IR Sensor access. If this bit is set the clear channel reports the
measurement from the IR sensor (center diode).
Reserved
6:0
Reserved. Always write as 0.
Register
Address
Bits
Description
IFORCE
0xE4
7:0
Forces an interrupt (any value)
CICLEAR
0xE6
7:0
Clear channel interrupt clear (any value)
AICLEAR
0xE7
7:0
Clears all interrupts (any value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35