| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8533 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
|
10 / 36 page ![]() 1999 Jul 30 10 Philips Semiconductors Product specification Universal LCD driver for low multiplex rates PCF8533 Fig.5 Waveforms for the 1 : 2 multiplex drive mode with 1 ⁄3bias. Vstate1(t)=Vsn(t) − VBP0(t). Von(rms) = 0.745VLCD. Vstate2(t)=Vsn(t) − VBP1(t). Voff(rms) = 0.333VLCD. handbook, full pagewidth MGL747 state 1 BP0 (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 1 state 2 VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 0 V VLCD 2VLCD/3 −2VLCD/3 VLCD/3 −VLCD/3 −VLCD 0 V VLCD 2VLCD/3 −2VLCD/3 VLCD/3 −VLCD/3 −VLCD Sn Sn + 1 Tframe VSS VLCD 2VLCD/3 VLCD/3 6.4.3 1 : 3 MULTIPLEX DRIVE MODE When three backplanes are provided in the LCD, the 1 : 3 multiplex drive mode applies, as shown in Fig.6. |