công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F276 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện ST10F276
Giải thích chi tiết về linh kiện  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 10Page - STMicroelectronics ST10F276_06 Datasheet HTML 11Page - STMicroelectronics ST10F276_06 Datasheet HTML 12Page - STMicroelectronics ST10F276_06 Datasheet HTML 13Page - STMicroelectronics ST10F276_06 Datasheet HTML 14Page - STMicroelectronics ST10F276_06 Datasheet HTML 15Page - STMicroelectronics ST10F276_06 Datasheet HTML 16Page - STMicroelectronics ST10F276_06 Datasheet HTML 17Page - STMicroelectronics ST10F276_06 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 229 page
background image
Introduction
ST10F276
14/229
restrictions and functional differences due to the XBUS peculiarities are present
between the classic PWM, and the new XPWM.
●
An I2C interface on the XBUS is added (see X-I2C or simply I2C interface).
●
CLKOUT function can output either the CPU clock (like in ST10F269) or a software
programmable prescaled value of the CPU clock.
●
Embedded memory size has been significantly increased (both Flash and RAM).
●
PLL multiplication factors have been adapted to new frequency range.
●
A/D Converter is not fully compatible versus ST10F269 (timing and programming
model). Formula for the convertion time is still valid, while the sampling phase
programming model is different.
Besides, additional 8 channels are available on P1L pins as alternate function: the
accuracy reachable with these extra channels is reduced with respect to the standard
Port5 channels.
●
External Memory bus potential limitations on maximum speed and maximum
capacitance load could be introduced (under evaluation): ST10F276 will probably not
be able to address an external memory at 64MHz with 0 wait states (under evaluation).
●
XPERCON register bit mapping modified according to new peripherals implementation
(not fully compatible with ST10F269).
●
Bondout chip for emulation (ST10R201) cannot achieve more than 50MHz at room
temperature (so no real time emulation possible at maximum speed).
●
Input section characteristics are different. The threshold programmability is extended to
all port pins (additional XPICON register); it is possible to select standard TTL (with up
to 500mV of hysteresis) and standard CMOS (with up to 800mV of hysteresis).
●
Output transition is not programmable.
●
CAN module is enhanced: ST10F276 implements two C-CAN modules, so the
programming model is slightly different. Besides, the possibility to map in parallel the
two CAN modules is added (on P4.5/P4.6).
●
On-chip main oscillator input frequency range has been reshaped, reducing it from 1-
25MHz down to 4-12MHz. This is a high performance oscillator amplifier, providing a
very high negative resistance and wide oscillation amplitude: when this on-chip
amplifier is used as reference for Real Time Clock module, the Power-down
consumption is dominated by the consumption of the oscillator amplifier itself. A metal
option is added to offer a low power oscillator amplifier working in the range of 4-8MHz:
this will allow a power consumption reduction when Real Time Clock is running in
Power Down mode using as reference the on-chip main oscillator clock.
●
A second on-chip oscillator amplifier circuit (32kHz) is implemented for low power
modes: it can be used to provide the reference to the Real Time Clock counter (either in
Power Down or Stand-by mode). Pin XTAL3 and XTAL4 replace a couple of VDD/VSS
pins of ST10F269.
●
Possibility to re-program internal XBUS chip select window characteristics (XRAM2 and
XFLASH address window) is added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com