công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F276 bảng dữ liệu(PDF) 88 Page - STMicroelectronics

tên linh kiện ST10F276
Giải thích chi tiết về linh kiện  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 bảng dữ liệu(HTML) 88 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 84Page - STMicroelectronics ST10F276_06 Datasheet HTML 85Page - STMicroelectronics ST10F276_06 Datasheet HTML 86Page - STMicroelectronics ST10F276_06 Datasheet HTML 87Page - STMicroelectronics ST10F276_06 Datasheet HTML 88Page - STMicroelectronics ST10F276_06 Datasheet HTML 89Page - STMicroelectronics ST10F276_06 Datasheet HTML 90Page - STMicroelectronics ST10F276_06 Datasheet HTML 91Page - STMicroelectronics ST10F276_06 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 229 page
background image
PWM modules
ST10F276
88/229
11
PWM modules
Two pulse width modulation modules are available on ST10F276: standard PWM0 and
XBUS PWM1. They can generate up to four PWM output signals each, using edge-aligned
or centre-aligned PWM. In addition, the PWM modules can generate PWM burst signals and
single shot outputs. The Table 50 and Table 51 show the PWM frequencies for different
resolutions. The level of the output signals is selectable and the PWM modules can
generate interrupt requests.
Figure 19.
Block diagram of PWM module
Table 50.
PWM unit frequencies and resolutions at 40 MHz CPU clock
Mode 0
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
25ns
156.25 kHz
39.1 kHz
9.77 kHz
2.44Hz
610Hz
CPU
Clock/64
1.6
µs
2.44 kHz
610Hz
152.6Hz
38.15Hz
9.54Hz
Mode 1
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
25ns
78.12 kHz
19.53 kHz
4.88 kHz
1.22 kHz
305.2Hz
CPU
Clock/64
1.6
µs
1.22 kHz
305.17Hz
76.29Hz
19.07Hz
4.77Hz
Table 51.
PWM unit frequencies and resolutions at 64 MHz CPU clock
Mode 0
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
15.6ns
250 kHz
62.5 kHz
15.63 kHz
3.91Hz
977Hz
CPU
Clock/64
1.0
µs
3.91 kHz
976.6Hz
244.1Hz
61.01Hz
15.26Hz
Mode 1
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
15.6ns
125 kHz
31.25 kHz
7.81 kHz
1.95 kHz
488.3Hz
CPU
Clock/64
1.0
µs
1.95 kHz
488.28Hz
122.07Hz
30.52Hz
7.63Hz
PPx Period Register
Comparator
PTx
16-bit Up/Down Counter
Shadow Register
PWx Pulse Width Register
Input
Run
Control
Clock 1
Clock 2
Comparator
*
*
*
Up/Down/
Clear Control
Match
Output Control
Match
Write Control
* User readable / writeable register
Enable
POUTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com