công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F276 bảng dữ liệu(PDF) 67 Page - STMicroelectronics

tên linh kiện ST10F276
Giải thích chi tiết về linh kiện  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 bảng dữ liệu(HTML) 67 Page - STMicroelectronics

Back Button ST10F276_06 Datasheet HTML 63Page - STMicroelectronics ST10F276_06 Datasheet HTML 64Page - STMicroelectronics ST10F276_06 Datasheet HTML 65Page - STMicroelectronics ST10F276_06 Datasheet HTML 66Page - STMicroelectronics ST10F276_06 Datasheet HTML 67Page - STMicroelectronics ST10F276_06 Datasheet HTML 68Page - STMicroelectronics ST10F276_06 Datasheet HTML 69Page - STMicroelectronics ST10F276_06 Datasheet HTML 70Page - STMicroelectronics ST10F276_06 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 229 page
background image
ST10F276
Bootstrap loader
67/229
5.6.7
Alternate boot user software
If the rules described previously are respected (that is, mapping of variables, disabling of
interrupts, exit conditions, predefined vectors in Block 0 of Bank 2, Watchdog usage), then
users can write the software they want to execute in this mode starting from 09’0000h.
5.6.8
User/alternate mode signature integrity check
The behavior of the Alternate Boot Mode is based on the computing of a signature between
the content of two memory locations and a comparison with a reference signature. This
requires that users who use Alternate Boot have reserved and programmed the Flash
memory locations according to:
User mode signature
00'0000h: memory address of operand0 for the signature computing
00’1FFCh: memory address of operand1 for the signature computing
00’1FFEh: memory address for the signature reference
Alternate mode signature
09'0000h: memory address of operand0 for the signature computing
09’1FFCh: memory address of operand1 for the signature computing
09’1FFEh: memory address for the signature reference
The values for operand0, operand1 and the signature should be such that the sequence
shown in the figure below is successfully executed.
MOV
Rx, CheckBlock1Addr; 00’0000h for standard reset
ADD
Rx, CheckBlock2Addr; 00’1FFCh for standard reset
CPLB
RLx
; 1s complement of the lower
; byte of the sum
CMP
Rx, CheckBlock3Addr; 00’1FFEh for standard reset
5.6.9
Alternate boot user software aspects
User defined alternate boot code must start at 09’0000h. A new SFR created on the
ST10F276 indicates that the device is running in Alternate Boot Mode: Bit 5 of EMUCON
(mapped at 0xFE0Ah) is set when the alternate boot is selected by the reset configuration.
All the other bits are ignored when checking the content of this register to read the value of
bit 5.
This bit is a read-only bit. It remains set until the next software or hardware reset.
5.6.10
EMUCON register
EMUCON (FE0Ah / 05h)
SFR
Reset value: - xxh:
15
14
13
12
11
10
987
65432
10
-
ABM
-R
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com