công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P83C528EBA bảng dữ liệu(PDF) 34 Page - NXP Semiconductors

tên linh kiện P83C528EBA
Giải thích chi tiết về linh kiện  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528EBA bảng dữ liệu(HTML) 34 Page - NXP Semiconductors

Back Button P83C528EBA Datasheet HTML 30Page - NXP Semiconductors P83C528EBA Datasheet HTML 31Page - NXP Semiconductors P83C528EBA Datasheet HTML 32Page - NXP Semiconductors P83C528EBA Datasheet HTML 33Page - NXP Semiconductors P83C528EBA Datasheet HTML 34Page - NXP Semiconductors P83C528EBA Datasheet HTML 35Page - NXP Semiconductors P83C528EBA Datasheet HTML 36Page - NXP Semiconductors P83C528EBA Datasheet HTML 37Page - NXP Semiconductors P83C528EBA Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
1997 Dec 15
34
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
13.1
I2C Interrupt Register (S1INT)
Table 15 I2C Interrupt register (address DAH) (1)
Note
1. SI bit: writing a logic 0 clears this bit, writing a logic 1 has no effect.
Table 16 Description of the S1INT bits
13.2
Single-bit Data Register with I2C Auto-clock (S1BIT)
Table 17 Single-bit Data register with I2C Auto-clock (address D9H)(1)
Note
1. Access of the S1BIT SFR clears SI, CLH, RBF and WBF. It starts the auto-clock if SCO = 0.
Table 18 Description of the S1BIT bits
76543210
SI
XXXXXXX
BIT
SYMBOL
FUNCTION
7SI
Serial Interrupt request (SI) flag: if a START condition occurs the SI flag in the S1INT
SFR is set on the falling edge of the filtered serial clock. If SI = 1 is detected during a
transfer this can be a 'spurious START' error condition. If no transfer is taking place the
SI = 1 is a START from an external master. Provided the bits EA and ES1 in IE SFR are
set, SI then generates an interrupt so that a slave address receive routine can be
started. SI can be cleared by accessing the S1BIT register or by writing '00' to S1INT.
Also after reception of a START condition, the LOW period of the clock pulse is
stretched, suspending the serial transfer to allow the software to take action. This clock
stretching is ended by a read or write access to S1BIT.
6 to 0
−
X = undefined during read, don't care during write.
76543210
READ
SDI
0000000
WRITE
SDO
XXXXXXX
BIT
SYMBOL
FUNCTION
7
SDO/SDI
Serial Data Output (SDO) and the filtered Serial Data Input (SDI). SDI data is latched
on the rising edge of the filtered serial clock. S1BIT.7 accesses the same memory
locations as S1SCS.7. S1BIT SFR is not bit-addressable.
6 to 0
−
X = don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com