công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P83C528EBA bảng dữ liệu(PDF) 29 Page - NXP Semiconductors

tên linh kiện P83C528EBA
Giải thích chi tiết về linh kiện  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528EBA bảng dữ liệu(HTML) 29 Page - NXP Semiconductors

Back Button P83C528EBA Datasheet HTML 25Page - NXP Semiconductors P83C528EBA Datasheet HTML 26Page - NXP Semiconductors P83C528EBA Datasheet HTML 27Page - NXP Semiconductors P83C528EBA Datasheet HTML 28Page - NXP Semiconductors P83C528EBA Datasheet HTML 29Page - NXP Semiconductors P83C528EBA Datasheet HTML 30Page - NXP Semiconductors P83C528EBA Datasheet HTML 31Page - NXP Semiconductors P83C528EBA Datasheet HTML 32Page - NXP Semiconductors P83C528EBA Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
1997 Dec 15
29
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
11.3
Watchdog Timer T3
The Watchdog Timer (WDT) see Fig.17, consists of an
11-bit prescaler and an 8-bit timer formed by SFR T3. The
prescaler is incremented by an on-chip oscillator with a
fixed frequency of 1 MHz. The maximum tolerance on this
frequency is
−50% and +100%. The 8-bit timer increments
every 2048 cycles of the on-chip oscillator. When a timer
overflow occurs, the microcontroller is reset and a
reset-output-pulse of 16 x 2048 cycles of the on-chip
oscillator is generated at pin RST. The internal RESET
signal is not inhibited when the external RST pin is kept
LOW by e.g. an external reset circuit. The RESET signal
drives Ports 1, 2 and 3 outputs into the High state and Port
0 into high impedance, no matter if the XTAL-clock is
running or not.
The WDT is controlled by WDCON SFR with the direct
address location A5H. WDCON can be read and written by
software. A value of A5H in WDCON halts the on-chip
oscillator and clears both the prescaler and Timer T3. After
RESET, WDCON contains A5H. Every value other than
A5H in WDCON enables the WDT. When the WDT is
enabled it runs independent of the XTAL-clock.
Timer T3 can be read on the fly. Timer T3 can be written
only if WDCON has previously been loaded with 5AH,
otherwise T3 and the prescaler are not affected. A
successful write operation to T3 also clears the prescaler
and clears WDCON. During a read or write operation
addressing T3, the output of the on-chip oscillator is
inhibited to prevent timing problems due to asynchronous
increments of T3. To prevent an overflow of the WDT, the
user program has to reload T3 within periods that are
shorter than the programmed Watchdog time interval. This
time interval is determined by the 8-bit reload value that is
written into register T3.
The advantages of this implementation are:
• Only an internal reset connection to the microcontroller
core
• The Power-down mode and the Watchdog (WDT)
function can be used concurrently
• The WDT also monitors the XTAL oscillator. In case of a
failure the port outputs are forced to a defined High state
• Interference will not disable the WDT because it is
unlikely that it will force WDCON to A5H
• Tolerances of the on-chip oscillator can be adjusted by
testing the T3 value and adapting the reload value
• The WDT can be enabled and disabled under control of
the user software. This gives the possibility to use both
the Watchdog function and the Power-down function
• The direct address A5H of WDCON and its disable value
A5H will not unintentionally be present at a random
location in the field of program code, except for
immediate data, because the opcode A5H is not used in
the instruction set.
Watchdog time interval
256
T3
)
(
–
[] 2048
×
on-chip oscillator frequency
-------------------------------------------------------------------------
=
Fig.17 Watchdog Timer T3.
handbook, full pagewidth
MBC471 - 1
8 - BIT TIMER
T3
11 - BIT
PRESCALER
WDCON
clear
input
A5H
5AH
clear
ON - CHIP -
OSCILLATOR
halt
write
read
clear
WR - T3
RD - T3
over-flow
VDD
VSS
internal
RESET
RST
this signal is active if WDCON
contains this hex value
IBS
R RST
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com