công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P83C528EBA bảng dữ liệu(PDF) 40 Page - NXP Semiconductors

tên linh kiện P83C528EBA
Giải thích chi tiết về linh kiện  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528EBA bảng dữ liệu(HTML) 40 Page - NXP Semiconductors

Back Button P83C528EBA Datasheet HTML 36Page - NXP Semiconductors P83C528EBA Datasheet HTML 37Page - NXP Semiconductors P83C528EBA Datasheet HTML 38Page - NXP Semiconductors P83C528EBA Datasheet HTML 39Page - NXP Semiconductors P83C528EBA Datasheet HTML 40Page - NXP Semiconductors P83C528EBA Datasheet HTML 41Page - NXP Semiconductors P83C528EBA Datasheet HTML 42Page - NXP Semiconductors P83C528EBA Datasheet HTML 43Page - NXP Semiconductors P83C528EBA Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
1997 Dec 15
40
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
15 IDLE AND POWER-DOWN OPERATION
Idle mode operation permits the interrupt, serial ports and
timer blocks to function while the CPU is halted. The
following functions remain active during Idle mode. These
functions may generate an interrupt or reset and thus end
the Idle mode:
• Timer 0, Timer 1, Timer 2, Watchdog Timer
• UART, I2C-Interface
• External interrupt
The Power-down operation freezes the oscillator. The
Power-down mode can only be activated by setting the PD
bit in the PCON register (see Fig.20).
Fig.20 Internal Idle and Power-down clock configuration.
handbook, full pagewidth
MBC477 - 1
OSCILLATOR
CLOCK
GENERATOR
interrupts
serial ports
timer blocks
CPU
IDL
PD
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76