công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E22 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB2E22
Giải thích chi tiết về linh kiện  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 3Page - Texas Instruments TUSB2E22 Datasheet HTML 4Page - Texas Instruments TUSB2E22 Datasheet HTML 5Page - Texas Instruments TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments TUSB2E22 Datasheet HTML 10Page - Texas Instruments TUSB2E22 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TUSB2E22
TUSB2E22
UNIT
YCG (DSBGA)
RZA (VQFN)
25 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
73.5
46.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
39.0
°C/W
RθJC(bottom)
Junction-to-case (bottom) thermal resistance
—
13.2
°C/W
RθJB
Junction-to-board thermal resistance
18.9
21.3
°C/W
ΨJT
Junction-to-top characterization parameter
0.2
1.6
°C/W
ΨJB
Junction-to-board characterization parameter
18.9
21.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
VIH
High level input voltage
CROSS, EQ1, EQ0
1.053
V
VIL
Low-level input voltage
CROSS, EQ1, EQ0
0.693
V
VIL
Low-level input voltage
RESETB
0.35
V
VIH
High level input voltage
RESETB
0.75
V
IIH
High level input current
VIH = 1.98 V, VDD3V3=3.0 V or 0 V,
VDD1V8=1.62V or 0 V
CROSS, RESETB, EQ1, EQ0
2
µA
IIL
Low level input current
VIL = 0 V, VDD3V3=3.0 V or 0 V,
VDD1V8=1.62V or 0 V
CROSS, RESETB, EQ1, EQ0
2
µA
USBA (DPA, DNA), USBB (DPB, DNB)
Zinp_Dx
Impedance to GND, no pull up/down
Vin=3.6 V, VDD3V3=3.0 V USB 2.0
Specification Section 7.1.6
390
kΩ
RPUI
Bus Pull-up Resistor on Upstream
Facing Port (idle)
USB 2.0 Specification Section 7.1.5
0.92
1.1
1.475
kΩ
RPUR
Bus Pull-up Resistor on Upstream
Facing Port (receiving)
USB 2.0 Specification Section 7.1.5
1.525
2.2
2.99
kΩ
RPD
Bus Pull-down Resistor on Downstream
Facing Port
USB 2.0 Specification Section 7.1.5
14.35
19
24.6
kΩ
VHSTERM
Termination voltage in highspeed
USB 2.0 Specification Section
7.1.6.2, The output voltage in the high-
speed idle state
–10
10
mV
USB TERMINATION
ZHSTERM
Driver Output Resistance (which also
serves as high speed termination)
(VOH= 0 to 600 mV) USB 2.0
Specification Section 7.1.1.1,
40.5
45
49.5
Ω
USBA, USBB INPUT LEVELS LS/FS
VIH
High (driven)
USB 2.0 Specification Section 7.1.4
(measured at connector)
2
V
VIHZ
High (floating)
USB 2.0 Specification Section 7.1.4
(HOST downstream port pull down
resistor enabled and external device pull
up 1.5K +/-5% to 3.0-3.6 V).
2.7
3.6
V
VIL
Low
USB 2.0 Specification Section 7.1.4
0.8
V
USBA, USBB OUTPUT LEVELS LS/FS
www.ti.com
TUSB2E22
SNLS648B – FEBRUARY 2019 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB2E22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com