công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES1K bảng dữ liệu(PDF) 1 Page - RFE international

tên linh kiện ES1K
Giải thích chi tiết về linh kiện  Surface Mount Super Fast Recifier Diodes ES1A Through ES1K
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFE [RFE international]
Trang chủ  http://www.rfeinc.com
Logo RFE - RFE international

ES1K bảng dữ liệu(HTML) 1 Page - RFE international

  ES1K Datasheet HTML 1Page - RFE international ES1K Datasheet HTML 2Page - RFE international ES1K Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low profile package
Ideal for automated placement
Glass passivated chip junction
High forward surge capability
Super Fast reverse recovery time
Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
For use in high frequency rectification of power
supplies, inverters, converters, and freewheeling diodes for
consumer and telecommunication.
Package: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Cathode line denotes the cathode end
PARAMETER
SYMBOL UNIT
ES1A ES1B ES1C
ES1D
ES1F
ES1G
ES1H
ES1J ES1K
Device marking code
ES1A ES1B
ES1C
ES1D
ES1F
ES1G
ES1H
ES1J
ES1K
Repetitive peak reverse voltage
VRRM
V
50
100
150
200
300
400
500
600
800
Average rectified output current
@ 60Hz sine wave, Resistance load, TL
(FIG.1)
IO
A
1.0
Surge(non-repetitive)forward current
@ 60Hz Half-sine wave,1 cycle, Ta=25
IFSM
A
30
Storage temperature
Tstg
-55~+150
Junction temperature
Tj
-55~+150
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
ES1A ES1B ES1C ES1D ES1F ES1G ES1H ES1J ES1K
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=1.0A
0.95
1.3
1.7
1.85
Maximum reverse recovery time
TRR
ns IF=0.5A,IR=1.0A,
Irr=0.25A
35
Maximum DC reverse current at
rated DC blocking voltage per diode
@ VRM=VRRM
IRRM
A
Ta=25
5
Ta=125
100
Surface Mount Super Fast Recifier Diodes
ES1A Through ES1K
DO-214AC
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
(Ta=25 Unless otherwise specified
(Ta=25 Unless otherwise specified
(Ta=25 Unless otherwise specified
PARAMETER
SYMBOL
UNIT
ES1A
ES1B
ES1C
ES1D ES1F ES1G ES1H
ES1J
ES1K
Thermal Resistance
R J-A
/W
651)
R J-L
201)
R J-C
251)
Note:
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper
pad areas
S-S751
08-12-2020
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Số phần tương tự - ES1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
ES1K MCC-ES1K Datasheet
363Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
ES1K TAITRON-ES1K Datasheet
240Kb / 4P
1.0A Surface Mount Super Fast Rectifier
logo
GOOD-ARK Electronics
ES1K GOOD-ARK-ES1K Datasheet
170Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Silicon Standard Corp.
ES1K SSC-ES1K Datasheet
266Kb / 3P
SUPER FAST SURFACE MOUNT RECTIFIERS
logo
Shenzhen Jin Yu Semicon...
ES1K HTSEMI-ES1K Datasheet
436Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Mô tả tương tự - ES1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
ES1001FL PANJIT-ES1001FL_10 Datasheet
119Kb / 3P
SMALL SURFACE MOUNT SUPER FAST DIODES
logo
SUNMATE electronic Co.,...
UH1B SUNMATE-UH1B Datasheet
337Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER1AA SUNMATE-ER1AA Datasheet
429Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
SMC Diode Solutions Co....
ES1A SMCDIODE-ES1A Datasheet
307Kb / 4P
ES1A-ES1M SURFACE MOUNT SUPER FAST RECTIFIER
Rev. F
logo
RFE international
ES2A RFE-ES2A Datasheet
1Mb / 3P
Surface Mount Super Fast Recovery Recifier ES2A Through ES2K
08-12-2020
MUR1020 RFE-MUR1020 Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1020 Through MUR1060
08-10-2020
MUR1640 RFE-MUR1640 Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1640 Through MUR1660
09-08-2020
MUR2010CT RFE-MUR2010CT Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR2010CT Through MUR2060CT
28-10-2020
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
MUR2040FCT RFE-MUR2040FCT Datasheet
1Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR2040FCT Through MUR2060FCT
28-10-2020
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com