công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC39RFS10 bảng dữ liệu(PDF) 85 Page - Texas Instruments

tên linh kiện DAC39RFS10
Giải thích chi tiết về linh kiện  DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 bảng dữ liệu(HTML) 85 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 81Page - Texas Instruments DAC39RFS10 Datasheet HTML 82Page - Texas Instruments DAC39RFS10 Datasheet HTML 83Page - Texas Instruments DAC39RFS10 Datasheet HTML 84Page - Texas Instruments DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments DAC39RFS10 Datasheet HTML 87Page - Texas Instruments DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 180 page
background image
SYSREF Processor
Delay
Embed
mul frame/
EMB ming
info
PHY Layer + Link
Layer + RxFIFO setup
me
Scramble,
Encode,
Serialize
RxFIFO
(Hold data un l
release)
RBD Delay
SYSREF Process
Delay (TRxLMFC)
App/
Transport
Layer
Tx
RxLMFC
Release FIFO
Rx
Inequalities must me met for
deterministic link operation. Adjust
RBD to make inequalities true.
red_path(max) < blue_path + n*TMF
red_path(min) > blue_path + (n-1)*TMF
n is any integer (typically 0, 1, or 2)
TMF is the period of the multiframe/EMB
SYSREF
JESD204C Link (Determinis c Latency)
(determinis c)
(determinis c)
(determinis c)
(non-determinis c)
(non-determinis c)
TRxIN
(determinis c)
DUC, DAC
DAC Output
TDAC_LAT
TRELEASE
PCB
Traces
Link-to-
Trans
bu er
Transport
Layer
Transport & Applica on Layer (determinis c)
JMODE,
DUC_L, RBD
DUC_L, NCO_EN,
DES2X
JMODE,
DUC_L
Delay Dependancies
TDAC_LAT0 (subclass 0 only)
Figure 7-57. Definition of Device Latencies
Table 7-41. Latency Definitions
Latency Parameter
Definition
TRELEASE
Latency from the rising edge of CLK that follows the rising edge of SYSREF to release event for elastic buffer.
(subclass 1 only).
TDAC_LAT
Latency from the rising edge of CLK that follows the rising edge of SYSREF to the time of the first sample at
the DAC output of the multiframe/extended multiblock launched by SYSREF (subclass 1 only).
TRxIN
Latency from the receiver data inputs to the elastic buffer input, including the minimum setup time of the elastic
buffer. This is non-deterministic, so a minimum and maximum limit are provided.
TDAC_LAT0
Latency from receiver data inputs (multiframe/EMB boundary) to first sample of a multiframe launched on DAC
output. This is non-deterministic, so a minimum and maximum limit are provided (subclass 0 only).
www.ti.com
DAC39RF10EF, DAC39RFS10EF
SBASAX2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: DAC39RF10EF DAC39RFS10EF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com