công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC39RFS10 bảng dữ liệu(PDF) 74 Page - Texas Instruments

tên linh kiện DAC39RFS10
Giải thích chi tiết về linh kiện  DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 bảng dữ liệu(HTML) 74 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 70Page - Texas Instruments DAC39RFS10 Datasheet HTML 71Page - Texas Instruments DAC39RFS10 Datasheet HTML 72Page - Texas Instruments DAC39RFS10 Datasheet HTML 73Page - Texas Instruments DAC39RFS10 Datasheet HTML 74Page - Texas Instruments DAC39RFS10 Datasheet HTML 75Page - Texas Instruments DAC39RFS10 Datasheet HTML 76Page - Texas Instruments DAC39RFS10 Datasheet HTML 77Page - Texas Instruments DAC39RFS10 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 180 page
background image
7.4.2 JESD204C Interface Modes
Each operational mode has a limited set of available interface formats (number of lanes, resolution).
7.4.2.1 JESD204C Interface Modes
The device JESD204C modes are configured with the parameters defined in Table 7-16, Table 7-17 and Table
7-18.
Table 7-16. JESD204C Interface Parameter Definitions
Parameter
Description
JMODE
JESD204C mode number. The user configures this parameter to choose a supported mode. Most other parameters
are derived from this setting. See Table 7-19.
LS
Lanes per sample stream. This is derived from JMODE. See Table 7-19.
LT
Ratio of clock to input sample rate. LT = FCLK / FINPUT. A value of 0.5 indicates that the DES1X mode is enabled,
and the input sampling rate is twice the DAC clock frequency (the JESD204C system provides two samples per
CLK cycle). If DES1X mode is not enabled, LT equals the interpolation factor, the ratio of output to input sample
rate. Not that DES2X mode does not affect the value of LT.
Interpolation factor 1-256x is programmed in the DUC_L register.
Lx
Maximum number of lanes used for a given JMODE. The link will scale down the number of active lanes (L)
depending on how many channels are enabled. See JESD_M register.
Mx
Maximum number of streams for a given JMODE. Mx is computed automatically according to Table 7-19. The user
can specify the actual number of streams (M) using the JESD_M register.
R
Number of bits transmitted per lane per CLK cycle. Derived from JMODE and LT (see )Table 7-19. Based on R, the
user must program REFDIV, MPY, and RATE registers. Additionally, the maximum CLK frequency is a function of R.
SI
Sample Interleaving/Increment Factor. A value of 1 indicates that the standard transport layer mapping from the
JESD204C standard is used (samples are mapped linearly from 0 to S-1). A value greater than 1 indicates that an
alternate mapping is used as follows: Map samples starting with sample 0, incrementing the index by SI. Repeat this
as many times as necessary to map all S samples, starting each repetition at an index that is one larger than the
previous repetition. See JESD Format Diagrams JESD Format Diagrams.
KR
For 8b/10b operation, KR defines the legal values of K (frames per multiframe). The legal values are restricted
to facilitate upset immunity of the elastic buffer. The multiframe length is restricted to a multiple of the elastic
buffer depth of 64 characters (buffer depth is reduced to 32 characters if K=32 and F=1). For 8b/10b modes, K is
programmed via the KM1 register.
DAC39RF10EF, DAC39RFS10EF
SBASAX2 – NOVEMBER 2023
www.ti.com
74
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC39RF10EF DAC39RFS10EF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com