| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6421 bảng dữ liệu(PDF) 40 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6421 bảng dữ liệu(HTML) 40 Page - Texas Instruments |
|
40 / 59 page ![]() www.ti.com TMS320C6421 Fixed-Point Digital Signal Processor SPRS346A – JANUARY 2007 – REVISED MARCH 2007 Table 2-22. PWM0, PWM1, and PWM2 Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. PWM2 This pin is multiplexed between the System Clock generator (PLL1), CLKOUT0/PWM2/ IPD M1 R1 I/O/Z PWM2, and GPIO. GP[84] DVDD33 For PWM2, this pin is output PWM2. PWM1 IPD This pin is multiplexed between GPIO and PWM1. GP[4]/PWM1 F3 F3 I/O/Z DVDD33 For PWM1, this pin is output PWM1. PWM0 This pin is multiplexed between the UART0 (Flow Control), PWM0, URTS0/PWM0/ IPU L3 M3 I/O/Z and GPIO. GP[88] DVDD33 For PWM0, this pin is output PWM0. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.2.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Device Overview 40 Submit Documentation Feedback |