| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6421 bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6421 bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 59 page ![]() www.ti.com TMS320C6421 Fixed-Point Digital Signal Processor SPRS346A – JANUARY 2007 – REVISED MARCH 2007 Table 2-15. EMAC (MII/RMII) and MDIO Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. This pin is multiplexed between EMAC (RMII), EMIFA, and GPIO. RMRXD1/EM_CS5/ IPD F19 J22 I/O/Z In Ethernet MAC(RMII) mode, it is EMAC receive data pin 1 GP[33] DVDD33 (RMRXD1) [I]. This pin is multiplexed between EMAC (RMII), EMIFA, and GPIO. RMRXD0/EM_CS4/ IPD E19 H22 I/O/Z In Ethernet MAC(RMII) mode, it is EMAC receive data pin 0 GP[32] DVDD33 (RMRXD0) [I]. MDIO This pin is multiplexed between HPI, MDIO, and GPIO. HCS/MDCLK/ IPU C1 D1 I/O/Z In Ethernet MAC mode, it is Management Data Clock output GP[81] DVDD33 MDCLK. HAS/MDIO/ IPU This pin is multiplexed between HPI, MDIO, and GPIO. D1 C1 I/O/Z GP[83] DVDD33 In Ethernet MAC mode, it is Management Data I/O MDIO (I/O/Z). Device Overview 32 Submit Documentation Feedback |