công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGS1R5 bảng dữ liệu(PDF) 42 Page - COSEL CO., LTD.

tên linh kiện MGS1R5
Giải thích chi tiết về linh kiện  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COSEL [COSEL CO., LTD.]
Trang chủ  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS1R5 bảng dữ liệu(HTML) 42 Page - COSEL CO., LTD.

Back Button MGS1R5 Datasheet HTML 38Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 39Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 40Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 41Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 42Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 43Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 44Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 45Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 46Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
¿
MG1R5/MG3 Single Output
¿
MG1R5/MG3 Dual Output
¿
MG6/MG10 Single Output, Dual Output
Installation
¡
When two or more power supplies are used side by side, position them with proper intervals to allow enough air ventilation. Ambient tem-
perature around each power supply should not exceed the temperature range shown in “Derating”.
Soldering Conditions
(1) Flow Soldering : 260ª 15 seconds or less
(2) Soldering Iron : maximum 360ª 5 seconds or less
Stress to Pin
¡
Applying excessive stress to the input or output pins of the power
module may damage internal connections. Avoid applying stress in
excess of that shown in right figure.
¡
Input/output pin are soldered to the PCB internally.
Do not pull or bend a lead powerfully.
¡
If it is expected that stress is applied to the input/output pin due to vibration or impact, reduce the stress to the pin by taking such mea-
sures as fixing the unit to the PCB by silicone rubber, etc.
¡
Due to prevent failure, PS should not be pulled after soldering with PCB.
19.6N (2kgf) or less
Pin No.
Pin Name
Function
1
-Vin
-DC Input
2
+Vin
+DC Input
4
+Vout
+DC Output
5
NP
No Pin
TRM
Output Voltage Adjustment
(Option:Refer to instruction manual 1.5)
6
-Vout
-DC Output
Pin No.
Pin Name
Function
1
-Vin
-DC Input
2
+Vin
+DC Input
4
+Vout
+DC Output
5
COM
GND of Output Voltage
6
-Vout
-DC Output
Pin No.
Pin Name
Function
1
-Vin
-DC Input
2
+Vin
+DC Input
3
RC
Remote ON/OFF
5
NC
No Connect
TRM
Output Voltage Adjustment
(Option:Refer to instruction manual 1.5)
6
+Vout
+DC Output
7
-Vout
-DC Output (for Single Output)
COM
GND of Output Voltage (for Dual Output)
8
NC
No Connect (for Single Output)
-Vout
-DC Output (for Dual Output)
(a) Standard
<Bottom View>
1 2
6
4
(b) Option : Y2
<Bottom View>
1 2
6
4 5
<Bottom View>
1 2
6
4 5
(a) Single Output, Dual Output
<Bottom View>
2 3
1
6
8
7
5
MG-42
Assembling and Installation Method
Pin configuration
MG1R5,MG3,MG6,MG10-series
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com