công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGS1R5 bảng dữ liệu(PDF) 38 Page - COSEL CO., LTD.

tên linh kiện MGS1R5
Giải thích chi tiết về linh kiện  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COSEL [COSEL CO., LTD.]
Trang chủ  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS1R5 bảng dữ liệu(HTML) 38 Page - COSEL CO., LTD.

Back Button MGS1R5 Datasheet HTML 34Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 35Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 36Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 37Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 38Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 39Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 40Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 41Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 42Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
MG-38
MGXS6
DC-DC Converters PCB Mount Type
MGX
S
6
24
05
-O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Optional
Y2: Output voltage
adjustable (+10%, -5%)
R
1
2
3
4
5
6
MODEL
MGXS6243R3
MGXS62405
MGXS62412
MGXS62415
MAX OUTPUT WATTAGE[W]
5.28
6.0
6.0
6.0
DC OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
1.6
1.2
0.5
0.4
SPECIFICATIONS
MODEL
MGXS6243R3
MGXS62405
MGXS62412
MGXS62415
INPUT
VOLTAGE[V]
DC6 - 60 (Surge voltage 76V, 100ms max) (Refer to “Derating” for input voltage derating.)
CURRENT[A]
*1
0.26typ
0.29typ
0.29typ
0.29typ
EFFICIENCY[%]
*1
85typ
88typ
87typ
87typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
1.6
1.2
0.5
0.4
LINE REGULATION[mV]
20max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
RIPPLE[mVp-p]
*2
Io=30% -
75max
75max
100max
100max
Io=0 - 30% 225max
225max
300max
300max
Vin=DC48 - 60V 225max
225max
300max
300max
RIPPLE NOISE[mVp-p]
*2
Io=30% -
120max
120max
150max
150max
Io=0 - 30% 300max
300max
400max
400max
Vin=DC48 - 60V 300max
300max
400max
400max
TEMPERATURE
REGULATION[mV]
-20 to +75C 50max
50max
150max
180max
-40 to +75C 80max
80max
240max
290max
DRIFT[mV]
*3
20max
20max
48max
60max
START-UP TIME[ms]
30max
OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36
14.55 - 15.45
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
REMOTE ON/OFF
Provided (Negative logic L : ON, H : OFF)
GENERAL SPECIFICATIONS
ISOLATION
INPUT-OUTPUT
DC1,500V or AC1,000V 1minute, Cutoff current=10mA, DC500V 1,000MW min (20±15C)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE -40 to +85C, 20 to 95%RH (Non condensing) (Refer to “Derating”), 5,000m (16,400feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100C, 20 to 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz 98.0m/s2 (10G), 3minute period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G) 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN62368-1
OTHERS
CASE SIZE/WEIGHT
22.0X12.0X9.5mm [0.87X0.48X0.38 inches] (WXHXD) / 7g max
COOLING METHOD
Convection/Forced air
*1
Rated input 24V DC Io=100%
*2
Ripple and ripple noise is measured by using test board with ceramic capacitor 1 F at 50mm from output pins.
*3
Drift is the DC output accuracy for eight hours period after a half-hour warm-up at 25C.
*
Parallel operation with other model is not possible.
*
MGXW62412/MGXW62415 is available as single output, +24V/+30V
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com