công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGS1R5 bảng dữ liệu(PDF) 12 Page - COSEL CO., LTD.

tên linh kiện MGS1R5
Giải thích chi tiết về linh kiện  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COSEL [COSEL CO., LTD.]
Trang chủ  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS1R5 bảng dữ liệu(HTML) 12 Page - COSEL CO., LTD.

Back Button MGS1R5 Datasheet HTML 8Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 9Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 10Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 11Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 12Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 13Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 14Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 15Page - COSEL CO., LTD. MGS1R5 Datasheet HTML 16Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
MG-12
MGW6
DC-DC Converters PCB Mount Type
MG
W
6
24
12
-O
Ordering information
1Series name
2Dual output
3Output wattage
4Input voltage
5Output voltage
6Optional
Y2: Output voltage
adjustable (+10%, -5%)
R
1
2
3
4
5
6
MODEL
MGW60512 MGW60515 MGW61212 MGW61215 MGW62412 MGW62415 MGW64812 MGW64815
MAX OUTPUT WATTAGE[W]
6.00
6.00
6.00
6.00
6.00
6.00
6.00
6.00
DC OUTPUT
VOLTAGE[V]
*1
±12 or +24
±15 or +30
±12 or +24
±15 or +30
±12 or +24
±15 or +30
±12 or +24
±15 or +30
CURRENT[A]
0.25
0.2
0.25
0.2
0.25
0.2
0.25
0.2
SPECIFICATIONS
MODEL
MGW60512 MGW60515 MGW61212 MGW61215 MGW62412 MGW62415 MGW64812 MGW64815
INPUT
VOLTAGE[V]
DC4.5 - 9
(Surge voltage 12.5V, 100ms max)
DC9 - 18
(Surge voltage 25V, 100ms max)
DC18 - 36
(Surge voltage 50V, 100ms max)
DC36 - 76
(Surge voltage 100V, 100ms max)
CURRENT[A]
*2
1.38typ
1.38typ
0.57typ
0.57typ
0.29typ
0.29typ
0.15typ
0.15typ
EFFICIENCY[%]
*2
87typ
87typ
88typ
88typ
88typ
88typ
88typ
88typ
OUTPUT
VOLTAGE[V]
±12 or +24
±15 or +30
±12 or +24
±15 or +30
±12 or +24
±15 or +30
±12 or +24
±15 or +30
CURRENT[A]
0.25
0.2
0.25
0.2
0.25
0.2
0.25
0.2
LINE REGULATION[mV]
60max
75max
60max
75max
60max
75max
60max
75max
LOAD REGULATION[mV]
*3
480max
600max
480max
600max
480max
600max
480max
600max
*4
600max
750max
600max
750max
600max
750max
600max
750max
RIPPLE[mVp-p]
*5
Po=30% to 120max
120max
120max
120max
120max
120max
120max
120max
Po=0 to 30% 480max
480max
360max
360max
360max
360max
360max
360max
RIPPLE NOISE[mVp-p]
*5
Po=30% to 200max
200max
200max
200max
200max
200max
200max
200max
Po=0 to 30% 600max
600max
500max
500max
500max
500max
500max
500max
TEMPERATURE
REGULATION[mV]
-20 to +70C 180max
220max
180max
220max
180max
220max
180max
220max
-40 to +70C 290max
340max
290max
340max
290max
340max
290max
340max
DRIFT[mV]
*6
48max
60max
48max
60max
48max
60max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V]
11.64 - 12.36 14.55 - 15.45 11.64 - 12.36 14.55 - 15.45 11.64 - 12.36 14.55 - 15.45 11.64 - 12.36 14.55 - 15.45
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
REMOTE ON/OFF
Provided (Negative logic L : ON, H : OFF)
ISOLATION
INPUT-OUTPUT
DC1,500V or AC1,000V 1minute, Cutoff current=10mA, DC500V 1,000MW min (20±15C)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE -40 to +85C, 20 to 95%RH (Non condensing) (Refer to “Derating”), 5,000m (16,400feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100C, 20 to 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz 98.0m/s2 (10G), 3minute period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G) 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN62368-1
OTHERS
CASE SIZE/WEIGHT
22.0X12.0X9.5mm [0.87X0.48X0.38 inches] (WXHXD) / 7g max
COOLING METHOD
Convection/Forced air
*1
Single output +24V, +30V with no use of COM.
*2
Rated input 5V, 12V, 24V or 48V DC Io=100%
*3
Symmetrical loading from 20% to 100%.
*4
Symmetrical loading from 0% to 100%.
*5
Ripple and Ripple Noise is measured by using test board with ceramic capacitor 1 F at
50mm from output pins. (20MHz Osilloscope). Po:Output wattage.
*6
Drift is the DC output accuracy for eight hours period after a half-hour warm-up at 25C.
*
Parallel operation with other model is not possible.
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com